Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6233 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6233
Description  60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6233 Datasheet(HTML) 4 Page - Linear Technology

  LT6233 Datasheet HTML 1Page - Linear Technology LT6233 Datasheet HTML 2Page - Linear Technology LT6233 Datasheet HTML 3Page - Linear Technology LT6233 Datasheet HTML 4Page - Linear Technology LT6233 Datasheet HTML 5Page - Linear Technology LT6233 Datasheet HTML 6Page - Linear Technology LT6233 Datasheet HTML 7Page - Linear Technology LT6233 Datasheet HTML 8Page - Linear Technology LT6233 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT6233/LT6233-10/
LT6234/LT6235
4
623345f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
–25
–75
µA
VL
ENABLE Pin Input Voltage LOW
0.3
V
VH
ENABLE Pin Input Voltage HIGH
V+ – 0.35
V
Output Leakage Current
ENABLE = V+ – 0.35V, VO = 1.5V to 3.5V
0.2
10
µA
tON
Turn-On Time
ENABLE = 5V to 0V, RL = 1k, VS = 5V
500
ns
tOFF
Turn-Off Time
ENABLE = 0V to 5V, RL = 1k, VS = 5V
76
µs
GBW
Gain Bandwidth Product
Frequency = 1MHz, VS = 5V
55
MHz
LT6233-10
320
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 0.5V to 4.5V
10
15
V/
µs
LT6233-10, VS = 5V, AV = –10, RL = 1k,
80
V/
µs
VO = 0.5V to 4.5V
FPBW
Full Power Bandwidth
VS = 5V, VOUT = 3VP-P (Note 9)
1.06
1.6
MHz
LT6233-10, HD2 = HD3 ≤ 1%
2.2
MHz
tS
Settling Time (LT6233, LT6234, LT6235)
0.1%, VS = 5V, VSTEP = 2V, AV = –1, RL = 1k
175
ns
TA = 25°C, VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half supply,
ENABLE = 0V, unless otherwise noted.
The q denotes the specifications which apply over 0
°C < TA < 70°C temperature range. VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half
supply, ENABLE = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6233S6, LT6233S6-10
q
600
µV
LT6234S8, LT6235GN
q
450
µV
LT6234DD
q
550
µV
Input Offset Voltage Match
q
500
µV
(Channel-to-Channel) (Note 6)
VOS TC
Input Offset Voltage Drift (Note 10)
VCM = Half Supply
q
0.5
3.0
µV/°C
IB
Input Bias Current
q
3.5
µA
IB Match (Channel-to-Channel) (Note 6)
q
0.4
µA
IOS
Input Offset Current
q
0.4
µA
AVOL
Large-Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 10k to VS/2
q
47
V/mV
RL = 1k to VS/2
q
12
V/mV
VS = 3.3V, VO = 0.65V to 2.65V, RL = 10k to VS/2
q
40
V/mV
RL = 1k to VS/2
q
7.5
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR, VS = 5V, 0V
q
1.5
4
V
VS = 3.3V, 0V
q
1.15
2.65
V
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 1.5V to 4V
q
90
dB
VS = 3.3V, VCM = 1.15V to 2.65V
q
85
dB
CMRR Match (Channel-to-Channel) (Note 6) VS = 5V, VCM = 1.5V to 4V
q
90
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V
q
90
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = 3V to 10V
q
95
dB
Minimum Supply Voltage (Note 7)
q
3V
VOL
Output Voltage Swing LOW (Note 8)
No Load
q
50
mV
ISINK = 5mA
q
195
mV
VS = 5V, ISINK = 15mA
q
360
mV
VS = 3.3V, ISINK = 10mA
q
265
mV
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT6233

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6233 LINER-LT6233 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6233 LINER-LT6233 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6233 LINER-LT6233 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LT6233 LINER-LT6233 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results

Similar Description - LT6233

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Linear Technology
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
   215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
ISL24020 INTERSIL-ISL24020 Datasheet
194Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com