Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4041A12IDBZT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4041A12IDBZT
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4041A12IDBZT Datasheet(HTML) 2 Page - Texas Instruments

  LM4041A12IDBZT Datasheet HTML 1Page - Texas Instruments LM4041A12IDBZT Datasheet HTML 2Page - Texas Instruments LM4041A12IDBZT Datasheet HTML 3Page - Texas Instruments LM4041A12IDBZT Datasheet HTML 4Page - Texas Instruments LM4041A12IDBZT Datasheet HTML 5Page - Texas Instruments LM4041A12IDBZT Datasheet HTML 6Page - Texas Instruments LM4041A12IDBZT Datasheet HTML 7Page - Texas Instruments LM4041A12IDBZT Datasheet HTML 8Page - Texas Instruments LM4041A12IDBZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146C – FEBRUARY 2005 – REVISED MAY 2005
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
DEVICE GRADE
VZ
PACKAGE(1)
PART NUMBER
MARKING(2)
A grade:
SC-70 (DCK)
Reel of 3000
LM4041A12IDCKR
PREVIEW
0.1% initial
Reel of 3000
LM4041A12IDBZR
accuracy
SOT-23-3 (DBZ)
PREVIEW
Reel of 250
LM4041A12IDBZT
and
1.2 V
100 ppm/
°C
Bulk of 1000
LM4041A12ILP
temperature
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4041A12ILPR
coefficient
SC-70 (DCK)
Reel of 3000
LM4041BIDCKR
PREVIEW
Reel of 3000
LM4041BIDBZR
SOT-23-3 (DBZ)
PREVIEW
ADJ
Reel of 250
LM4041BIDBZT
B grade:
Bulk of 1000
LM4041BILP
0.2% initial
TO-92/TO-226 (LP)
PREVIEW
accuracy
Reel of 2000
LM4041BILPR
and
SC-70 (DCK)
Reel of 3000
LM4041B12IDCKR
PREVIEW
100 ppm/
°C
temperature
Reel of 3000
LM4041B12IDBZR
SOT-23-3 (DBZ)
PREVIEW
coefficient
1.2 V
Reel of 250
LM4041B12IDBZT
Bulk of 1000
LM4041B12ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4041B12ILPR
Reel of 3000
LM4041CIDCKR
SC-70 (DCK)
MH_
Reel of 250
LM4041CIDCKT
Reel of 3000
LM4041CIDBZR
ADJ
SOT-23-3 (DBZ)
4MH_
–40
°C to 85°C
C grade:
Reel of 250
LM4041CIDBZT
0.5% initial
Bulk of 1000
LM4041CILP
accuracy
TO-92/TO-226 (LP)
PREVIEW
and
Reel of 2000
LM4041CILPR
100 ppm/
°C
SC-70 (DCK)
Reel of 3000
LM4041C12IDCKR
MM_
temperature
Reel of 3000
LM4041C12IDBZR
coefficient
SOT-23-3 (DBZ)
4MM_
1.2 V
Reel of 250
LM4041C12IDBZT
Bulk of 1000
LM4041C12ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4041C12ILPR
Reel of 3000
LM4041DIDCKR
SC-70 (DCK)
MJ_
Reel of 250
LM4041DIDCKT
Reel of 3000
LM4041DIDBZR
ADJ
SOT-23-3 (DBZ)
4MJ_
D grade:
Reel of 250
LM4041DIDBZT
1.0% initial
Bulk of 1000
LM4041DILP
accuracy
TO-92/TO-226 (LP)
PREVIEW
and
Reel of 2000
LM4041DILPR
150 ppm/
°C
SC-70 (DCK)
Reel of 3000
LM4041D12IDCKR
MN_
temperature
Reel of 3000
LM4041D12IDBZR
coefficient
SOT-23-3 (DBZ)
4MN_
1.2 V
Reel of 250
LM4041D12IDBZT
Bulk of 1000
LM4041D12ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4041D12ILPR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
2


Similar Part No. - LM4041A12IDBZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4041A12IDBZT TI-LM4041A12IDBZT Datasheet
501Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041A12IDBZT TI-LM4041A12IDBZT Datasheet
664Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041A12IDBZT TI-LM4041A12IDBZT Datasheet
694Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041A12IDBZT TI-LM4041A12IDBZT Datasheet
681Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041A12IDBZT TI1-LM4041A12IDBZT Datasheet
782Kb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4041A12IDBZT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com