Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1513AACTR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LH1513AACTR
Description  Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1513AACTR Datasheet(HTML) 4 Page - Vishay Siliconix

  LH1513AACTR Datasheet HTML 1Page - Vishay Siliconix LH1513AACTR Datasheet HTML 2Page - Vishay Siliconix LH1513AACTR Datasheet HTML 3Page - Vishay Siliconix LH1513AACTR Datasheet HTML 4Page - Vishay Siliconix LH1513AACTR Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 83813
www.vishay.com
Revision 17-August-01
3–70
Figure 7. Switch Capacitance vs. Applied Voltage
Figure 8. Output Isolation
Figure 9. Leakage Current vs. Applied Voltage at Elevated
Temperatures
020
40
Applied Voltage (V)
80
50
70
60
40
20
0
10
60
30
100
80
IF=0 mA
TA=25°C
f=1.0 MHz
Frequency (Hz)
100
80
60
40
20
0
102
103
104
105
106
107
VP=10 V
RL=50 Ω
Load Voltage (V)
3.0
2.5
2.0
1.0
0.5
1.5
0
0
50
100
150
200
250
300
350
400
85
°C
70
°C
50
°C
Figure 10. Insertion Loss vs. Frequency
Figure 11. Leakage Current vs. Applied Voltage
Figure 12. Switch Breakdown Voltage vs. Temperature
Frequency (Hz)
0.30
0
0.25
0.20
0.10
0.05
102
103
104
105
0.15
RL= 600 Ω
90
0
50
100
150
200
250
300
Load Voltage (V)
100
70
80
60
40
30
50
20
10
0
350
400
IF= 0 mA
TA= 25 °C
–40
–20
0
2040
6080
Ambient Temperature (
°C)
8
0
4
2
6
–2
–6
–8
–4


Similar Part No. - LH1513AACTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1513AACTR VISHAY-LH1513AACTR Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
More results

Similar Description - LH1513AACTR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com