Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V2556SA200PFI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT71V2556SA200PFI
Description  128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2556SA200PFI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT71V2556SA200PFI Datasheet HTML 1Page - Integrated Device Technology IDT71V2556SA200PFI Datasheet HTML 2Page - Integrated Device Technology IDT71V2556SA200PFI Datasheet HTML 3Page - Integrated Device Technology IDT71V2556SA200PFI Datasheet HTML 4Page - Integrated Device Technology IDT71V2556SA200PFI Datasheet HTML 5Page - Integrated Device Technology IDT71V2556SA200PFI Datasheet HTML 6Page - Integrated Device Technology IDT71V2556SA200PFI Datasheet HTML 7Page - Integrated Device Technology IDT71V2556SA200PFI Datasheet HTML 8Page - Integrated Device Technology IDT71V2556SA200PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
6.42
2
IDT71V2556, IDT71V2558, 128K x 36, 256K x 18, 3.3V Synchronous ZBT™ SRAMs
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Pin Definitions(1)
NOTE:
1. All synchronous inputs must meet specified setup and hold times with respect to CLK.
Symbol
Pin Function
I/O
Active
Description
A0-A17
Address Inputs
I
N/A
Synchronous Address inputs. The address register is triggered by a combination of the rising edge of
CLK, ADV/
LD low, CEN low, and true chip enables.
ADV/
LD
Advance / Load
I
N/A
ADV/
LD is a synchronous input that is used to load the internal registers with new address and control
when it is sampled low at the rising edge of clock with the chip selected. When ADV/
LD is low with the
chip deselected, any burst in progress is terminated. When ADV/
LD is sampled high then the internal
burst counter is advanced for any burst that was in progress. The external addresses are ignored
when ADV/
LD is sampled high.
R/
W
Read / Write
I
N/A
R/
W signal is a synchronous input that identifies whether the current load cycle initiated is a Read or
Write access to the memory array. The data bus activity for the current cycle takes place two clock
cycles later.
CEN
Clock Enable
I
LOW
Synchronous Clock Enable Input. When
CEN is sampled high, all other synchronous inputs, including
clock are ignored and outputs remain unchanged. The effect of
CEN sampled high on the device
outputs is as if the low to high clock transition did not occur. For normal operation,
CEN must be
sampled low at rising edge of clock.
BW1-BW4
Individual Byte
Write Enables
I
LOW
Synchronous byte write enables. Each 9-bit byte has its own active low byte write enable. On load
write cycles (When R/
W and ADV/LD are sampled low) the appropriate byte write signal (BW1-BW4)
must be valid. The byte write signal must also be valid on each cycle of a burst write. Byte Write
signals are ignored when R/
W is sampled high. The appropriate byte(s) of data are written into the
device two cycles later.
BW1-BW4 can all be tied low if always doing write to the entire 36-bit word.
CE1, CE2
Chip Enables
I
LOW
Sy nchronous active low chip enable.
CE1 and CE2 are used with CE2 to enable the IDT71V2556/58.
(
CE1 or CE2 sampled high or CE2 sampled low) and ADV/LD low at the rising edge of clock, initiates a
deselect cycle. The ZBTTM has a two cycle deselect, i.e., the data bus will tri-state two clock cycles
after deselect is initiated.
CE2
Chip Enable
I
HIGH
Synchronous active high chip enable. CE2 is used with
CE1 and CE2 to enable the chip. CE2 has
inverted polarity but otherwise identical to
CE1 and CE2.
CLK
Clock
I
N/A
This is the clock input to the IDT71V2556/58. Except for
OE, all timing references for the device are
made with respect to the rising edge of CLK.
I/O0-I/O31
I/OP1-I/OP4
Data Input/Output
I/O
N/A
Synchronous data input/output (I/O) pins. Both the data input path and data output path are registered
and triggered by the rising edge of CLK.
LBO
Linear Burst Order
I
LOW
Burst order selection input. When
LBO is high the Interleaved burst sequence is selected. When LBO
is low the Linear burst sequence is selected.
LBO is a static input and it must not change during
device operation.
OE
Output Enable
I
LOW
Asynchronous output enable.
OE must be low to read data from the 71V2556/58. When OE is high the
I/O pins are in a high-impedance state.
OE does not need to be actively controlled for read and write
cycles. In normal operation,
OE can be tied low.
TMS
Test Mode Select
I
N/A
Gives input command for TAP controller. Sampled on rising edge of TDK. This pin has an internal
pullup.
TDI
Test Data Input
I
N/A
Serial input of registers placed between TDI and TDO. Sampled on rising edge of TCK. This pin has
an internal pullup.
TCK
Test Clock
I
N/A
Clock input of TAP controller. Each TAP event is clocked. Test inputs are captured on rising edge of
TCK, while test outputs are driven from the falling edge of TCK. This pin has an internal pullup.
TDO
Test Data Output
O
N/A
Serial output of registers placed between TDI and TDO. This output is active depe nding on the state of
the TAP controller.
TRST
JTAG Reset
(Optional)
ILOW
Optional Asynchronous JTAG reset. Can be used to reset the TAP controller, but not required. JTAG
reset occurs automatically at power up and also resets using TMS and TCK per IEEE 1149.1. If not
used
TRST can be left floating. This pin has an internal pullup.
ZZ
Sleep Mode
I
HIGH
Synchronous sleep mode input. ZZ HIGH will gate the CLK internally and power down the
IDT71V2556/2558 to its lowest power consumption level. Data retention is guaranteed in Sleep Mode.
This pin has an internal pulldown
VDD
Power Supply
N/A
N/A
3.3V core power supply.
VDDQ
Power Supply
N/A
N/A
2.5V I/O Supply.
VSS
Ground
N/A
N/A
Ground.
4875 tbl 02


Similar Part No. - IDT71V2556SA200PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556SA IDT-IDT71V2556SA Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
More results

Similar Description - IDT71V2556SA200PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
logo
Integrated Device Techn...
IDT71V3557S IDT-IDT71V3557S Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71T75602 IDT-IDT71T75602 Datasheet
637Kb / 25P
   512K x 36, 1M x 18 2.5V Synchronous ZBT??SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com