Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9S5608V0C Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K9S5608V0C
Description  SmartMedia CARD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9S5608V0C Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K9S5608V0C Datasheet HTML 4Page - Samsung semiconductor K9S5608V0C Datasheet HTML 5Page - Samsung semiconductor K9S5608V0C Datasheet HTML 6Page - Samsung semiconductor K9S5608V0C Datasheet HTML 7Page - Samsung semiconductor K9S5608V0C Datasheet HTML 8Page - Samsung semiconductor K9S5608V0C Datasheet HTML 9Page - Samsung semiconductor K9S5608V0C Datasheet HTML 10Page - Samsung semiconductor K9S5608V0C Datasheet HTML 11Page - Samsung semiconductor K9S5608V0C Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
K9S2808V0C/B
8
SmartMediaTM
K9S5608V0C/B
K9S6408V0C/B
PIN DESCRIPTION
Command Latch Enable(CLE)
The CLE input controls the path activation for commands sent to the command register. When active high, commands are latched
into the command register through the I/O ports on the rising edge of the WE signal.
Address Latch Enable(ALE)
The ALE input controls the activating path for address to the internal address registers. Addresses are latched on the rising edge of
WE with ALE high.
Chip Enable(CE)
The CE input is the device selection control. When CE goes high during a read operation the device is returned to standby mode.
However, when the device is in the busy state during program or erase, CE high is ignored and does not return the device to standby
mode.
Write Enable(WE)
The WE input controls writing to the I/O port. Commands, address and data are latched on the rising edge of the WE pulse.
Read Enable(RE)
The RE input is the serial data-out control, and when active drives the data onto the I/O bus.
I/O Port : I/O 0 ~ I/O 7
The I/O pins are used to input command, address and data, and to output data during read operations. The I/O pins float to high-z
when the chip is deselected or when the outputs are disabled.
Write Protect(WP)
The WP pin provides inadvertent write/erase protection during power transitions. The internal high voltage generator is reset when
the WP pin is active low.
Ready/Busy(R/B)
The R/B output indicates the status of the device operation. When low, it indicates that a program, erase or random read operation is
in process and returns to high state upon completion. It is an open drain output and does not float to high-z condition when the chip
is deselected or when outputs are disabled.
Low Voltage Detect(LVD)
The LVD is used to detect the proper supply voltage electrically. By connecting this pin to Vss through a pull-down resister, it is pos-
sible to distinguish 3.3V product from 5V product. When 3.3V is applied as Vcc to pins 12 and 22, a ’High’level can be detected on
the system side if the device is a 3.3V product, and ’Low’level for 5V product.


Similar Part No. - K9S5608V0C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9S5608V0A-SSB0 SAMSUNG-K9S5608V0A-SSB0 Datasheet
353Kb / 26P
   32M x 8 Bit SmartMediaTM Card
More results

Similar Description - K9S5608V0C

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CCM05-5788T18 ITT-CCM05-5788T18 Datasheet
158Kb / 3P
   (SmartMedia SSFDC
logo
Transcend Information. ...
TS128MVSSFDC TRANSCEND-TS128MVSSFDC Datasheet
157Kb / 3P
   128M SmartMedia
logo
Samsung semiconductor
K9S3208V0A SAMSUNG-K9S3208V0A Datasheet
353Kb / 26P
   4M x 8 bit SmartMedia Card
K9S2808V0M SAMSUNG-K9S2808V0M Datasheet
351Kb / 26P
   16M x 8 Bit SmartMedia Card
K9S1208V0M-SSB0 SAMSUNG-K9S1208V0M-SSB0 Datasheet
491Kb / 33P
   64M x 8 Bit SmartMedia Card
logo
Toshiba Semiconductor
TC6371AF TOSHIBA-TC6371AF Datasheet
614Kb / 58P
   PCI to SD Memory Card / SmartMedia??Interface Controller
TC6374AF TOSHIBA-TC6374AF Datasheet
1Mb / 125P
   PC Card ATA to SD Memory Card, MultiMediaCard and SmartMedia-TM Controller
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_07 Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com