Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T3399S166BFI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT70T3399S166BFI
Description  HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T3399S166BFI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT70T3399S166BFI Datasheet HTML 3Page - Integrated Device Technology IDT70T3399S166BFI Datasheet HTML 4Page - Integrated Device Technology IDT70T3399S166BFI Datasheet HTML 5Page - Integrated Device Technology IDT70T3399S166BFI Datasheet HTML 6Page - Integrated Device Technology IDT70T3399S166BFI Datasheet HTML 7Page - Integrated Device Technology IDT70T3399S166BFI Datasheet HTML 8Page - Integrated Device Technology IDT70T3399S166BFI Datasheet HTML 9Page - Integrated Device Technology IDT70T3399S166BFI Datasheet HTML 10Page - Integrated Device Technology IDT70T3399S166BFI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
6.42
IDT70T3339/19/99S
PRELIMINARY
High-Speed 2.5V 512/256/128K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
7
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2.
ADS, CNTEN, REPEAT = VIH.
3.
OE and ZZ are asynchronous input signals.
4. It is possible to read or write any combination of bytes during a given access. A few representative samples have been illustrated here.
Truth Table I—Read/Write and Enable Control (1,2,3,4)
Truth Table II—Address Counter Control (1,2)
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. Read and write operations are controlled by the appropriate setting of R/
W, CE0, CE1, UB, LB and OE.
3. Outputs configured in flow-through output mode: if outputs are in pipelined mode the data out will be delayed by one cycle.
4.
ADS and REPEAT are independent of all other memory control signals including CE0, CE1, UB and LB.
5. The address counter advances if
CNTEN = VIL on the rising edge of CLK, regardless of all other memory control signals including CE0, CE1, UB and LB.
6. When
REPEAT is asserted, the counter will reset to the last valid address loaded via ADS. This value is not set at power-up: a known location should be loaded
via
ADS during initialization if desired. Any subsequent ADS access during operations will update the REPEAT address location.
OE
CLK
CE0
CE1
UB
LB
R/
W
ZZ
Upper Byte
I/O9-17
Lower Byte
I/O0-8
MODE
X
H
X
X
X
X
L
High-Z
High-Z
Deselected–Power Down
X
X
L
X
X
X
L
High-Z
High-Z
Deselected–Power Down
X
L
H
H
H
X
L
High-Z
High-Z
Both Bytes Deselected
X
LH
H
L
L
L
High-Z
DIN
Write to Lower Byte Only
X
LH
LH
L
L
DIN
High-Z
Write to Upper Byte Only
X
L
H
LL
LL
DIN
DIN
Write to Both Bytes
L
L
H
HL
HL
High-Z
DOUT
Read Lower Byte Only
L
LH
LH
H
L
DOUT
High-Z
Read Upper Byte Only
L
LH
L
L
H
L
DOUT
DOUT
Read Both Bytes
H
L
H
L
L
X
L
High-Z
High-Z
Outputs Disabled
X
X
X
X
X
X
X
H
High-Z
High-Z
Sleep Mode
5652 tbl 02
Address
Previous
Internal
Address
Internal
Address
Used
CLK
ADS
CNTEN
REPEAT(6)
I/O(3)
MODE
An
X
An
L(4)
XH
DI/O (n)
External Address Used
XAn
An + 1
H
L(5)
HDI/O(n+1)
Counter Enabled—Internal Address generation
X
An + 1
An + 1
HH
H
DI/O(n+1)
External Address Blocked—Counter disabled (An + 1 reused)
XX
An
XX
L(4)
DI/O(n)
Counter Set to last valid
ADS load
5652 tbl 03


Similar Part No. - IDT70T3399S166BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3339 IDT-IDT70T3339 Datasheet
829Kb / 27P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_15 Datasheet
829Kb / 27P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T3399S166BFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
70V3319 RENESAS-70V3319 Datasheet
544Kb / 24P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3319 IDT-IDT70V3319 Datasheet
348Kb / 23P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3719 IDT-IDT70T3719 Datasheet
303Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3719 RENESAS-70T3719 Datasheet
605Kb / 26P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V7399S IDT-IDT70V7399S Datasheet
488Kb / 22P
   HIGH-SPEED 3.3V 128K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com