Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7Q163652A Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K7Q163652A
Description  512Kx36 & 1Mx18 QDRTM b2 SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7Q163652A Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K7Q163652A Datasheet HTML 6Page - Samsung semiconductor K7Q163652A Datasheet HTML 7Page - Samsung semiconductor K7Q163652A Datasheet HTML 8Page - Samsung semiconductor K7Q163652A Datasheet HTML 9Page - Samsung semiconductor K7Q163652A Datasheet HTML 10Page - Samsung semiconductor K7Q163652A Datasheet HTML 11Page - Samsung semiconductor K7Q163652A Datasheet HTML 12Page - Samsung semiconductor K7Q163652A Datasheet HTML 13Page - Samsung semiconductor K7Q163652A Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
512Kx36 & 1Mx18 QDRTM b2 SRAM
- 10 -
Rev 1.0
July 2002
K7Q163652A
K7Q161852A
AC TIMING CHARACTERISTICS(VDD=2.5V
±0.1V, TA=0°C to +70°C)
Notes: 1. All address inputs must meet the specified setup and hold times for all latching clock edges.
2. Control signals are R, W,BW0,BW1 and (BW2, BW3, also for x36)
3. If C,C are tied high, K,K become the references for C,C timing parameters.
4. To avoid bus contention, at a given voltage and temperature tCHQX1 is bigger than tCHQZ.
The specs as shown do not imply bus contention beacuse tCHQX1 is a MIN parameter that is worst case at totally different test conditions
(0
°C, 2.6V) than tCHQZ, which is a MAX parameter(worst case at 70°C, 2.4V)
It is not possible for two SRAMs on the same board to be at such different voltage and temperature.
PARAMETER
SYMBOL
-16
-13
-10
UNITS NOTES
MIN
MAX
MIN
MAX
MIN
MAX
Clock
Clock Cycle Time(K, K, C, C)
tKHKH
6
7.5
10
ns
Clock HIGH time (K, K, C, C)
tKHKL
2.4
3.0
3.5
ns
Clock Low time (K, K, C, C)
tKLKH
2.4
3.0
3.5
ns
Clock to clock (K
↑ → K↑, C↑ → C↑)
tKHKH
2.7
3.3
3.4
4.1
4.6
5.4
ns
Clock to data clock (K
↑ → C↑, K↑→ C↑)
tKHCH
0.0
2.0
0.0
2.5
0.0
3.0
ns
Output Times
C, C High to Output Valid
tCHQV
2.5
3.0
3.0
ns
3
C, C High to Output Hold
tCHQX
1.2
1.2
1.2
ns
3
C High to Output High-Z
tCHQZ
2.5
3.0
3.0
ns
3
C High to Output Low-Z
tCHQX1
1.2
1.2
1.2
ns
3
Setup Times
Address valid to K rising edge
tAVKH
0.7
0.8
1.0
ns
Control inputs valid to K rising edge
tIVKH
0.7
0.8
1.0
ns
2
Data-in valid to K, K rising edge
tDVKH
0.7
0.8
1.0
ns
Hold Times
K rising edge to address hold
tKHAX
0.7
0.8
1.0
v
K rising edge to control inputs hold
tKHIX
0.7
0.8
1.0
ns
K, K rising edge to data-in hold
tKHDX
0.7
0.8
1.0
ns
OPERATING CONDITIONS (0
°C ≤ TA ≤ 70°C)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
VDD
2.4
2.6
V
VDDQ
1.4
1.9
V
Reference Voltage
VREF
0.68
0.95
V
Ground
VSS
0
0
V
Note: For power-up, VIH
≤ VDDQ+0.3V and VDD ≤ 2.4V and VDDQ ≤ 1.4V for t ≤ 200ms
VDDQ
VIL
VDDQ+0.7V
20% tKHKH(MIN)
VSS
VIH
VSS-0.7V
20% tKHKH(MIN)
Undershoot Timing
Overershoot Timing


Similar Part No. - K7Q163652A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7Q163654A SAMSUNG-K7Q163654A Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7Q163654A-FC10 SAMSUNG-K7Q163654A-FC10 Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7Q163654A-FC13 SAMSUNG-K7Q163654A-FC13 Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7Q163654A-FC16 SAMSUNG-K7Q163654A-FC16 Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
K7Q163654A-FC20 SAMSUNG-K7Q163654A-FC20 Datasheet
510Kb / 17P
   512Kx36-bit, 1Mx18-bit QDR SRAM
More results

Similar Description - K7Q163652A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7Q161862 SAMSUNG-K7Q161862 Datasheet
335Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7Q163662B SAMSUNG-K7Q163662B Datasheet
337Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
K7R161882B SAMSUNG-K7R161882B Datasheet
428Kb / 19P
   512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
K7R163682B SAMSUNG-K7R163682B Datasheet
463Kb / 20P
   512Kx36 & 1Mx18 & 2Mx9 QDRTM II b2 SRAM
K7Q163664B SAMSUNG-K7Q163664B_10 Datasheet
635Kb / 17P
   512Kx36 & 1Mx18 QDRTM b4 SRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com