Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T3339S200BFI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70T3339S200BFI
Description  HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T3339S200BFI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70T3339S200BFI Datasheet HTML 1Page - Integrated Device Technology IDT70T3339S200BFI Datasheet HTML 2Page - Integrated Device Technology IDT70T3339S200BFI Datasheet HTML 3Page - Integrated Device Technology IDT70T3339S200BFI Datasheet HTML 4Page - Integrated Device Technology IDT70T3339S200BFI Datasheet HTML 5Page - Integrated Device Technology IDT70T3339S200BFI Datasheet HTML 6Page - Integrated Device Technology IDT70T3339S200BFI Datasheet HTML 7Page - Integrated Device Technology IDT70T3339S200BFI Datasheet HTML 8Page - Integrated Device Technology IDT70T3339S200BFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©2003 Integrated Device Technology, Inc.
NOVEMBER 2003
DSC-5652/3
1
HIGH-SPEED 2.5V
512/256/128K X 18
SYNCHRONOUS
DUAL-PORT STATIC RAM
WITH 3.3V OR 2.5V INTERFACE
PRELIMINARY
IDT70T3339/19/99S
Functional Block Diagram
– Data input, address, byte enable and control registers
– Self-timed write allows fast cycle time
Separate byte controls for multiplexed bus and bus
matching compatibility
Dual Cycle Deselect (DCD) for Pipelined Output Mode
2.5V (±100mV) power supply for core
LVTTL compatible, selectable 3.3V (±150mV) or 2.5V
(±100mV) power supply for I/Os and control signals on
each port
Industrial temperature range (-40°C to +85°C) is
available at 166MHz and 133MHz
Available in a 256-pin Ball Grid Array (BGA), a 144-pin Thin
Quad Flatpack (TQFP) and 208-pin fine pitch Ball Grid Array
(fpBGA)
Supports JTAG features compliant with IEEE 1149.1
Due to limited pin count JTAG, Collision Detection and
Interrupt are not supported on the 144-pin TQFP package
Features:
True Dual-Port memory cells which allow simultaneous
access of the same memory location
High-speed data access
– Commercial: 3.4 (200MHz)/3.6ns (166MHz)/
4.2ns (133MHz)(max.)
– Industrial: 3.6ns (166MHz)/4.2ns (133MHz) (max.)
Selectable Pipelined or Flow-Through output mode
Counter enable and repeat features
Dual chip enables allow for depth expansion without
additional logic
Interrupt and Collision Detection Flags
Full synchronous operation on both ports
– 5ns cycle time, 200MHz operation (14Gbps bandwidth)
– Fast 3.4ns clock to data out
– 1.5ns setup to clock and 0.5ns hold on all control, data, and
address inputs @ 200MHz
1. Address A18 is a NC for the IDT70T3319. Also, Addresses A18 and A17 are NC's for the IDT70T3399.
2. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when asserted. All static inputs, i.e., PL/
FTx and
OPTx and the sleep mode pins themselves (ZZx) are not affected during sleep mode.
NOTES:
Dout0-8_L
B
W
0
L
B
W
1
L
Din_L
OEL
UBL
LBL
R/
WL
CE0L
CE1L
ab
FT/PIPEL
0/1
1b 0b 1a 0a
1
0
1/0
0b 1b
0a 1a
ab
FT/PIPEL
1/0
REPEATR
A0R
CNTENR
ADSR
Dout0-8_R
Dout9-17_R
I/O0R - I/O17R
Din_R
ADDR_R
OER
UBR
LBR
R/
WR
CE0R
CE1R
FT/PIPER
CLKR
,
Counter/
Address
Reg.
B
W
1
R
B
W
0
R
FT/PIPER
Counter/
Address
Reg.
CNTENL
ADSL
REPEATL
Dout9-17_L
I/O0L -I/O17L
A18L(1)
A0L
ADDR_L
5652 drw 01
512/256/128K x 18
MEMORY
ARRAY
CLKL
,
ba
0/1
0b
1b
0a 1a
1
0
1/0
1b 0b
1a 0a
a
b
1/0
INTERRUPT
COLLISION
DETECTION
LOGIC
INTL
COL L
INTR
COLR
R/
WL
R/
WR
CE 0 L
CE1L
CE0 R
CE1R
ZZ
CONTROL
LOGIC
ZZL
(2)
ZZR
(2)
JTAG
TCK
TRST
TMS
TDO
TDI
A18R(1)


Similar Part No. - IDT70T3339S200BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3339 IDT-IDT70T3339 Datasheet
829Kb / 27P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_15 Datasheet
829Kb / 27P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T3339S200BFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
70V3319 RENESAS-70V3319 Datasheet
544Kb / 24P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3319 IDT-IDT70V3319 Datasheet
348Kb / 23P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3719 IDT-IDT70T3719 Datasheet
303Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3719 RENESAS-70T3719 Datasheet
605Kb / 26P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V7399S IDT-IDT70V7399S Datasheet
488Kb / 22P
   HIGH-SPEED 3.3V 128K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
344Kb / 27P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com