Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V2113L15BCI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72V2113L15BCI
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V2113L15BCI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72V2113L15BCI Datasheet HTML 3Page - Integrated Device Technology IDT72V2113L15BCI Datasheet HTML 4Page - Integrated Device Technology IDT72V2113L15BCI Datasheet HTML 5Page - Integrated Device Technology IDT72V2113L15BCI Datasheet HTML 6Page - Integrated Device Technology IDT72V2113L15BCI Datasheet HTML 7Page - Integrated Device Technology IDT72V2113L15BCI Datasheet HTML 8Page - Integrated Device Technology IDT72V2113L15BCI Datasheet HTML 9Page - Integrated Device Technology IDT72V2113L15BCI Datasheet HTML 10Page - Integrated Device Technology IDT72V2113L15BCI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
IDT72V263/273/283/293/103/113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
8K x 18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9/18, 256K x 9/18, 512K x9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2103/72V2113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
131,072 x 18/262,144 x 9, 262,144 x 18/524,288 x 9
Symbol
Name
I/O
Description
PIN DESCRIPTION-CONTINUED (TQFP & BGA PACKAGES)
NOTES:
1. Inputs should not change state after Master Reset.
2. These pins are for the JTAG port. Please refer to pages 41-45 and Figures 31-33.
PIN DESCRIPTION (BGA PACKAGE ONLY)
Symbol
Name
I/O
Description
ASYR(1)
Asynchronous
I
A HIGH on this input during Master Reset will select Synchronous read operation for the output port. A LOW
Read Port
will select Asynchronous operation. If Asynchronous is selected the FIFO must operate in IDT Standard mode.
ASYW(1)
Asynchronous
I
A HIGH on this input during Master Reset will select Synchronous write operation for the input port. A LOW
WritePort
will select Asynchronous operation.
TCK(2)
JTAG Clock
I
Clock input for JTAG function. One of four terminals required by IEEE Standard 1149.1-1990. Test operations of the
device are synchronous to TCK. Data from TMS and TDI are sampled on the rising edge of TCK and outputs change
on the falling edge of TCK. If the JTAG function is not used this signal needs to be tied to GND.
TDI(2)
JTAG Test Data
I
One of four terminals required by IEEE Standard 1149.1-1990. During the JTAG boundary scan operation, test data
Input
seriallyloadedviatheTDIontherisingedgeofTCKtoeithertheInstructionRegister,IDRegisterandBypassRegister.
An internal pull-up resistor forces TDI HIGH if left unconnected.
TDO(2)
JTAG Test Data
O
One of four terminals required by IEEE Standard 1149.1-1990. During the JTAG boundary scan operation, test data
Output
seriallyloadedoutputviatheTDOonthefallingedgeofTCKfromeithertheInstructionRegister,IDRegisterandBypass
Register. This output is high impedance except when shifting, while in SHIFT-DR and SHIFT-IR controller states.
TMS(2)
JTAG Mode
I
TMSisaserialinputpin.OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.TMSdirectsthedevicethrough
its TAP controller states. An internal pull-up resistor forces TMS HIGH if left unconnected.
TRST(2)
JTAG Reset
I
TRST is an asynchronous reset pin for the JTAG controller. The JTAG TAP controller will automatically reset upon
power-up. If the JTAG function is not used then this signal should to be tied to GND.
RM(1)
RetransmitTiming
I
During Master Reset, a LOW on RM will select zero latency Retransmit timing Mode. A HIGH on RM will select
Mode
normal latency mode.
RT
Retransmit
I
RT asserted on the rising edge of RCLK initializes the READ pointer to zero, sets the EF flag to LOW (OR to HIGH
in FWFT mode) and does not disturb the write pointer, programming method, existing timing mode or programmable
flag settings.
RT is useful to reread data from the first physical location of the FIFO.
SEN
Serial Enable
I
SENenablesserialloadingofprogrammableflagoffsets.
WCLK/
WriteClock/
I
If Synchronous operation of the write port has been selected, when enabled by
WEN, the rising edge of WCLK
WR
WriteStrobe
writes data into the FIFO. If Asynchronous operation of the write port has been selected, WR writes data into the
FIFO on a rising edge in an Asynchronous manner, (
WENshouldbetiedtoitsactivestate).Asynchronousoperation
of the WCLK/WR input is only available in the BGA package.
WEN
WriteEnable
I
WEN enables WCLK for writing data into the FIFO memory and offset registers.
VCC
+3.3V Supply
I
These are VCC supply inputs and must be connected to the 3.3V supply rail.
NOTE:
1. Inputs should not change state after Master Reset.


Similar Part No. - IDT72V2113L15BCI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2113 IDT-IDT72V2113 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2113 IDT-IDT72V2113 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V2113 RENESAS-IDT72V2113 Datasheet
496Kb / 47P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO 131,072 x 18/262,144 x 9 262,144 x 18/524,288 x 9
MARCH 2018
More results

Similar Description - IDT72V2113L15BCI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com