Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V2556SA200BQ Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT71V2556SA200BQ
Description  128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2556SA200BQ Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT71V2556SA200BQ Datasheet HTML 4Page - Integrated Device Technology IDT71V2556SA200BQ Datasheet HTML 5Page - Integrated Device Technology IDT71V2556SA200BQ Datasheet HTML 6Page - Integrated Device Technology IDT71V2556SA200BQ Datasheet HTML 7Page - Integrated Device Technology IDT71V2556SA200BQ Datasheet HTML 8Page - Integrated Device Technology IDT71V2556SA200BQ Datasheet HTML 9Page - Integrated Device Technology IDT71V2556SA200BQ Datasheet HTML 10Page - Integrated Device Technology IDT71V2556SA200BQ Datasheet HTML 11Page - Integrated Device Technology IDT71V2556SA200BQ Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
6.42
8
IDT71V2556, IDT71V2558, 128K x 36, 256K x 18, 3.3V Synchronous ZBT™ SRAMs
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Pin Configuration — 128K x 36, 165 fBGA
Pin Configuration — 256K x 18, 165 fBGA
1
2
345
67
89
10
11
ANC(2)
A7
CE1
BW3
BW2
CE2
CEN
ADV/
LD
NC(2)
A8
NC
BNC
A6
CE2
BW4
BW1
CLK
R/
W
OE
NC
(2)
A9
NC
(2)
CI/OP3
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
I/OP2
DI/O17
I/O16
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O15
I/O14
EI/O19
I/O18
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O13
I/O12
FI/O21
I/O20
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O11
I/O10
GI/O23
I/O22
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O9
I/O8
HVDD(1)
VDD(1)
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
NC/ZZ(5)
JI/O25
I/O24
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O7
I/O6
KI/O27
I/O26
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O5
I/O4
LI/O29
I/O28
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O3
I/O2
MI/O31
I/O30
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O1
I/O0
NI/OP4
NC
VDDQ
VSS
NC/
TRST(3,4)
NC
VDD(1)
VSS
VDDQ
NC
I/OP1
PNC
NC(2)
A5
A2
NC/TDI(3)
A1
NC/TDO(3)
A10
A13
A14
NC
R
LBO
NC(2)
A4
A3
NC/TMS(3)
A0
NC/TCK(3)
A11
A12
A15
A16
4875 tbl 25
1
234
5678
9
10
11
ANC(2)
A7
CE1
BW2
NC
CE2
CEN
ADV
/LD
NC(2)
A8
A10
BNC
A6
CE2
NC
BW1
CLK
R/
W
OE
NC(2)
A9
NC(2)
CNC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
I/OP1
DNC
I/O8
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O7
ENC
I/O9
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O6
FNC
I/O10
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O5
GNC
I/O11
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O4
HVDD(1)
VDD(1)
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
NC/ZZ(5)
JI/O12
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O3
NC
KI/O13
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O2
NC
LI/O14
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O1
NC
MI/O15
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O0
NC
NI/OP2
NC
VDDQ
VSS
NC/
TRST(3,4)
NC
VDD(1)
VSS
VDDQ
NC
NC
PNC
NC(2)
A5
A2
NC/TDI(3)
A1
NC/TDO(3)
A11
A14
A15
NC
R
LBO
NC(2)
A4
A3
NC/TMS(3)
A0
NC/TCK(3)
A12
A13
A16
A17
4875 tbl 25a
NOTES:
1. H1, H2, and N7 do not have to be directly connected to VDD as long as the input voltage is
≥ VIH.
2. A9, B9, B11, A1, R2 and P2 are reserved for future 9M, 18M, 36M, 72M, 144M, and 288M respectively respectively.
3. These pins are NC for the "S" version and the JTAG signal listed for the "SA" version.
4.
TRST is offered as an optional JTAG reset if required in the application. If not needed, can be left floating and will internally be pulled to VDD.
5. Pin H11 supports ZZ (sleep mode) on the latest die revision.


Similar Part No. - IDT71V2556SA200BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556SA IDT-IDT71V2556SA Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
More results

Similar Description - IDT71V2556SA200BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
logo
Integrated Device Techn...
IDT71V3557S IDT-IDT71V3557S Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71T75602 IDT-IDT71T75602 Datasheet
637Kb / 25P
   512K x 36, 1M x 18 2.5V Synchronous ZBT??SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com