Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V2558S200BQ Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71V2558S200BQ
Description  128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2558S200BQ Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71V2558S200BQ Datasheet HTML 1Page - Integrated Device Technology IDT71V2558S200BQ Datasheet HTML 2Page - Integrated Device Technology IDT71V2558S200BQ Datasheet HTML 3Page - Integrated Device Technology IDT71V2558S200BQ Datasheet HTML 4Page - Integrated Device Technology IDT71V2558S200BQ Datasheet HTML 5Page - Integrated Device Technology IDT71V2558S200BQ Datasheet HTML 6Page - Integrated Device Technology IDT71V2558S200BQ Datasheet HTML 7Page - Integrated Device Technology IDT71V2558S200BQ Datasheet HTML 8Page - Integrated Device Technology IDT71V2558S200BQ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
6.42
4
IDT71V2556, IDT71V2558, 128K x 36, 256K x 18, 3.3V Synchronous ZBT™ SRAMs
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Recommended DC Operating
Conditions
NOTES:
1. VIL (min.) = –1.0V for pulse width less than tCYC/2, once per cycle.
2. VIH (max.) = +6.0V for pulse width less than tCYC/2, once per cycle.
Functional Block Diagram
Clk
DQ
DQ
DQ
Address A [0:17]
Control Logic
Address
Control
DI
DO
4875 drw 01b
Clock
Data I/O [0:15],
I/O P[1:2]
D
Q
Output Register
Mux
Sel
Gate
OE
CE1, CE2, CE2
R/
W
CEN
ADV/
LD
BWx
LBO
256x18 BIT
MEMORY ARRAY
JTAG
(SA Version)
TMS
TDI
TCK
TDO
TRST
(optional)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDQ
I/O Supply Voltage
2.375
2.5
2.625
V
VSS
Supply Voltage
0
0
0
V
VIH
Input High Voltage - Inputs
1.7
____
VDD +0.3
V
VIH
Input High Voltage - I/O
1.7
____
VDDQ +0.3(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.7
V
4875 tbl 03


Similar Part No. - IDT71V2558S200BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V2556SA IDT-IDT71V2556SA Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V2556XS IDT-IDT71V2556XS Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V2556XSA IDT-IDT71V2556XSA Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
More results

Similar Description - IDT71V2558S200BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
logo
Integrated Device Techn...
IDT71V3557S IDT-IDT71V3557S Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71T75602 IDT-IDT71T75602 Datasheet
637Kb / 25P
   512K x 36, 1M x 18 2.5V Synchronous ZBT??SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com