Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C16-G Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS24C16-G
Description  16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C16-G Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS24C16-G Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C16-G Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C16-G Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C16-G Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C16-G Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C16-G Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C16-G Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C16-G Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C16-G Datasheet HTML 10Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ISSI®
IS24C16
8
Integrated Silicon Solution, Inc.
ADVANCE INFORMATION EE001-0C
10/03/97
DC ELECTRICAL CHARACTERISTICS
TA = 0
°C to +70°C for IS24C16 and –40°C to +85°C for IS24C16-I, Vcc = 4.5V to 5.5V.
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOL1
Output LOW Voltage
VCC = 2.7V., IOL = 0.15 mA
0.25
V
VOL2
Output LOW Voltage
VCC = 3.0V., IOL = 2.1 mA
0.4
V
VIH
Input HIGH Voltage
VCC + 0.5
V
VIL
Input LOW Voltage
–1.0
V
ILI
Input Leakage Current
VIN = VCC max.
3
µA
ILO
Output Leakage Current
3
µA
POWER SUPPLY CHARACTERISTICS
TA = 0
°C to +70°C for IS24C16 and –40°C to +85°C for IS24C16-I, Vcc = 4.5V to 5.5V.
Symbol Parameter
Test Conditions
Min.
Max.
Unit
ICC1
Vcc Operating Current
READ at 100 KHz
0.9
mA
ICC2
Vcc Operating Current
WRITE at 100 KHz
3.0
mA
ISB1
Standby Current
Vcc = 4.5V
20
µA
ISB2
Standby Current
Vcc = 5.5V
35
µA


Similar Part No. - IS24C16-G

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C16-2 ISSI-IS24C16-2 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2G ISSI-IS24C16-2G Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2G ISSI-IS24C16-2G Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2GI ISSI-IS24C16-2GI Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2GI ISSI-IS24C16-2GI Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C16-G

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46B ISSI-IS93C46B Datasheet
67Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com