Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKD250-08 Datasheet(PDF) 10 Page - International Rectifier

Part # IRKD250-08
Description  STANDARD RECOVERY DIODES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD250-08 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRKD250-08 Datasheet HTML 3Page - International Rectifier IRKD250-08 Datasheet HTML 4Page - International Rectifier IRKD250-08 Datasheet HTML 5Page - International Rectifier IRKD250-08 Datasheet HTML 6Page - International Rectifier IRKD250-08 Datasheet HTML 7Page - International Rectifier IRKD250-08 Datasheet HTML 8Page - International Rectifier IRKD250-08 Datasheet HTML 9Page - International Rectifier IRKD250-08 Datasheet HTML 10Page - International Rectifier IRKD250-08 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
Fig. 27 - Forward Power Loss Characteristics
Fig. 28 - Forward Power Loss Characteristics
Fig. 29 - Forward Power Loss Characteristics
0
25
50
75
100
125
150
0 .1
K/W
0.2
K /W
0.6 K/
W
0.0
6
K/
W
0 .3
K /W
0.4 K
/W
M a ximum Allo wa ble A m b ie n t Te m p e ra tu re ( C )
0.1
6 K
/W
0
100
200
300
400
500
600
700
0
100
200
300
400
500
DC
180
(Sine )
Tota l R M S O utp ut C urre nt (A )
IR K.320.. Serie s
Pe r Junc tion
T = 150 C
J
0
25
50
75
100
125
150
0 .6 K/W
0.1
2 K
/W
0.25
K/W
0.5 K/W
Max imu m A llo w ab le A m bie n t Te mp e ra tu re ( C )
0.16
K/W
0.0
8
K/W
0
200
400
600
800
1000
1200
1400
0
100
200
300
400
500
600
180
(Sin e )
180
(Re c t)
To ta l O utp ut C urre n t (A )
2 x IRK .320.. Se rie s
Sin g le P h a se Brid g e
Con n e c te d
T
= 150 C
J
0
25
50
75
100
125
150
0.0
4
K/
W
0.0
5
K/W
0.0
6 K
/W
0.12
K/W
0.3 K /W
0.6 K/W
M axim um Allo w a ble Am bie n t Te m pe ra ture ( C )
0 .2 K/W
0.0
8 K
/W
0
400
800
12 00
16 00
20 00
24 00
28 00
0
200
400
600
800
10 00
120
(R e c t)
Total O utp ut C urre nt (A )
3 x IRK .320.. Se rie s
Thr ee Pha se Brid ge
Conne cte d
T = 150 C
J


Similar Part No. - IRKD250-08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKD250-24 IRF-IRKD250-24 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
More results

Similar Description - IRKD250-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com