Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C16 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS24C16
Description  16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C16 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS24C16 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 10Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ISSI®
IS24C16
Integrated Silicon Solution, Inc.
9
ADVANCE INFORMATION EE001-0C
10/03/97
AC ELECTRICAL CHARACTERISTICS
TA = 0
°C to +70°C for IS24C16 and –40°C to +85°C for IS24C16-I, Vcc = 4.5V to 5.5V
5.5V
Symbol Parameter
Test Conditions
Min. Max.
Unit
fSCL
SCL Clock Frequency
0
400
KHz
tI
Noise Suppression Time(1)
—50
ns
tLOW
Clock LOW Period
1.2
µs
tHIGH
Clock HIGH Period
0.6
µs
tBUF
Bus Free Time Before New Transmission(1)
1.2
µs
tSU:STA
Start Condition Setup Time
0.6
µs
tSU:STO
Stop Condition Setup Time
0.6
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tHD:STO
Stop Condition Hold Time
0.6
µs
tSU:DAT
Data In Setup Time
100
ns
tHD:DAT
Data In Hold Time
0
µs
tDH
Data Out Hold Time
SCL LOW to SDA Data Out Change
50
ns
tAA
Clock to Output
SCL LOW to SDA Data Out Valid
0.1
0.9
µs
tR
SCL and SDA Rise Time(1)
300
ns
tF
SCL and SDA Fall Time(1)
300
ns
tWR
Write Cycle Time
10
ms
Note:
1. This parameter is characterized but not 100% tested.
AC WAVEFORMS
BUS TIMING
tSU:STA
tF
tHIGH
tLOW
tLOW
tR
tSU:STO
tBUF
tDH
tAA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDAIN
SDAOUT


Similar Part No. - IS24C16

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C16 ISSI-IS24C16 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2 ISSI-IS24C16-2 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2G ISSI-IS24C16-2G Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2G ISSI-IS24C16-2G Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2GI ISSI-IS24C16-2GI Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C16

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46B ISSI-IS93C46B Datasheet
67Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com