Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHM8Z60 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM8Z60
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM8Z60 Datasheet(HTML) 1 Page - International Rectifier

  IRHM8Z60 Datasheet HTML 1Page - International Rectifier IRHM8Z60 Datasheet HTML 2Page - International Rectifier IRHM8Z60 Datasheet HTML 3Page - International Rectifier IRHM8Z60 Datasheet HTML 4Page - International Rectifier IRHM8Z60 Datasheet HTML 5Page - International Rectifier IRHM8Z60 Datasheet HTML 6Page - International Rectifier IRHM8Z60 Datasheet HTML 7Page - International Rectifier IRHM8Z60 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
35*
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
35*
IDM
Pulsed Drain Current ➀
140
PD @ TC = 25°C
Max. Power Dissipation
250
W
Linear Derating Factor
2.0
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
500
mJ
IAR
Avalanche Current ➀
35
A
EAR
Repetitive Avalanche Energy ➀
25
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
0.35
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 ( 0.063 in. (1.6mm) from case for 10s)
Weight
9.3 (Typical )
g
Pre-Irradiation
International Rectifier’s RAD-Hard HEXFET® technol-
ogy provides high performance power MOSFETs for
space applications. This technology has over a de-
cade of proven performance and reliability in satellite
applications. These devices have been character-
ized for both Total Dose and Single Event Effects (SEE).
The combination of low Rds(on) and low gate charge
reduces the power losses in switching applications
such as DC to DC converters and motor control. These
devices retain all of the well established advantages
of MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of elec-
trical parameters.
oC
A
RADIATION HARDENED
POWER MOSFET
THRU-HOLE (TO-254AA)
12/20/01
www.irf.com
1
Product Summary
Part Number
Radiation Level
RDS(on)
ID
IRHM7Z60
100K Rads (Si)
0.014
Ω 35*A
IRHM3Z60
300K Rads (Si)
0.014
Ω 35*A
IRHM4Z60
600K Rads (Si)
0.014
Ω 35*A
IRHM8Z60
1000K Rads (Si)
0.014
Ω 35*A
For footnotes refer to the last page
*Current is limited by internal wire diameter
IRHM7Z60
30V, N-CHANNEL
RAD-Hard
HEXFET
®
TECHNOLOGY
TO-254AA
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Light Weight
PD - 91701B


Similar Part No. - IRHM8Z60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM8054 IRF-IRHM8054 Datasheet
166Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM8064 IRF-IRHM8064 Datasheet
121Kb / 4P
   TRANSISTOR N-CHANNEL
IRHM8130 IRF-IRHM8130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM8150 IRF-IRHM8150 Datasheet
444Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM8160 IRF-IRHM8160 Datasheet
137Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results

Similar Description - IRHM8Z60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSR2N7392 IRF-JANSR2N7392 Datasheet
274Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU - HOLE ( TO - 254AA )
IRHM7250 IRF-IRHM7250 Datasheet
271Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7054 IRF-IRHM7054 Datasheet
166Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM7450 IRF-IRHM7450_06 Datasheet
303Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM93130 IRF-IRHM93130 Datasheet
139Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9150 IRF-IRHM9150 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM9260 IRF-IRHM9260 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM57Z60 IRF-IRHM57Z60 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
JANSR2N7423 IRF-JANSR2N7423 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-254AA)
IRHM7260 IRF-IRHM7260 Datasheet
265Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE(T0-254AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com