Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR25XB06H Datasheet(PDF) 4 Page - International Rectifier

Part # IR25XB06H
Description  25.0 Amps Single Phase Full Wave
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR25XB06H Datasheet(HTML) 4 Page - International Rectifier

  IR25XB06H Datasheet HTML 1Page - International Rectifier IR25XB06H Datasheet HTML 2Page - International Rectifier IR25XB06H Datasheet HTML 3Page - International Rectifier IR25XB06H Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IR25XB..H
4
Bulletin I27127 rev. D 06/03
www.irf.com
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 1 - Current Ratings Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Instantaneous Forward Voltage (V)
Average Forward Current (A)
Number of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 3 - Total Power Loss Characteristics
Average Forward Current (A)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 06/03
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial and Consumer Level.
Qualification Standards can be found on IR's Web site.
80
90
100
110
120
130
140
150
0
5
10
15
20
25
30
180˚
(Sine)
180˚
(Rect)
0.01
0.1
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
Tj = 25˚C
Tj = 150˚C
tp = 400µs
100
150
200
250
300
350
400
450
110
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
0
10
20
30
40
50
0
5
10
15
20
25
180˚
(Sine)
180˚
(Rect)
Tj = 150˚C


Similar Part No. - IR25XB06H

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR25-21C-TR8 EVERLIGHT-IR25-21C-TR8 Datasheet
204Kb / 10P
   Reverse Package Infrared LED
IR25-21C-TR8 EVERLIGHT-IR25-21C-TR8_15 Datasheet
209Kb / 10P
   Reverse Package Infrared LED
IR25-21C/TR8 EVERLIGHT-IR25-21C/TR8 Datasheet
204Kb / 10P
   Reverse Package Infrared LED
logo
International Rectifier
IR2520 IRF-IR2520 Datasheet
335Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
IR2520D IRF-IR2520D Datasheet
335Kb / 17P
   ADAPTIVE BALLAST CONTROL IC
More results

Similar Description - IR25XB06H

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8GBU IRF-8GBU Datasheet
75Kb / 5P
   8.0 Amps Single Phase Full Wave
4GBU IRF-4GBU Datasheet
101Kb / 5P
   4.0 Amps Single Phase Full Wave
6GBU IRF-6GBU Datasheet
103Kb / 5P
   6.0 Amps Single Phase Full Wave
4GBL IRF-4GBL Datasheet
99Kb / 5P
   4.0 Amps Single Phase Full Wave Bridge Rectifier
logo
ON Semiconductor
LB11961V ONSEMI-LB11961V Datasheet
76Kb / 7P
   Single-Phase Full-Wave
May, 2013
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
   Single-Phase Full-Wave Driver
May, 2013
logo
Rohm
BD6961F ROHM-BD6961F_14 Datasheet
605Kb / 17P
   Standard Single-phase Full wave
BD6981FVM ROHM-BD6981FVM Datasheet
773Kb / 18P
   Standard Single-phase Full wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD69730FV ROHM-BD69730FV Datasheet
1Mb / 32P
   Multifunction Single-phase Full-wave
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com