Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFT26N60Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFT26N60Q
Description  HiPerFETTM Power MOSFETs Q-Class
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT26N60Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFT26N60Q Datasheet HTML 1Page - IXYS Corporation IXFT26N60Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
600
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
600
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C26
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
104
A
I
AR
T
C
= 25
°C26
A
E
AR
T
C
= 25
°C45
mJ
E
AS
T
C
= 25
°C
1.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
360
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque
TO-247
1.13/10 Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
HiPerFETTM
Power MOSFETs
Q-Class
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low Q
g
Features
l Low gate charge
l International standard packages
l Epoxy meet UL 94 V-0, flammability
classification
l Low R
DS (on) HDMOS
TM process
l Rugged polysilicon gate cell structure
l Avalanche energy and current rated
l Fast intrinsic Rectifier
Advantages
l Easy to mount
l Space savings
l High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 250µA
600
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
2.5
4.5
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±200
nA
I
DSS
V
DS
= V
DSS
T
J =
25
°C25
µA
V
GS
= 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5
I
D25
0.25
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
G = Gate
D = Drain
S = Source
TAB = Drain
98635D (6/02)
TO-247 AD (IXFH)
(TAB)
TO-268 (D3) ( IXFT)
(TAB)
G
S
IXFH 26N60Q
IXFT 26N60Q
V
DSS
=
600 V
I
D25
=
26 A
R
DS(on)
= 0.25
t
rr
≤≤≤≤ 250 ns


Similar Part No. - IXFT26N60Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT26N60 IXYS-IXFT26N60 Datasheet
70Kb / 2P
   HiPerFET Power MOSFETs
IXFT26N60P IXYS-IXFT26N60P Datasheet
248Kb / 5P
   N-Channel Enhancement Mode Fast Recovery Diode Avalanche Rated
More results

Similar Description - IXFT26N60Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH90N20Q IXYS-IXFH90N20Q Datasheet
100Kb / 2P
   HiPerFETTM Power MOSFETs Q-CLASS
IXFH7N90Q IXYS-IXFH7N90Q Datasheet
55Kb / 2P
   HiPerFETTM Power MOSFETs Q-Class
IXFH12N100Q IXYS-IXFH12N100Q Datasheet
146Kb / 4P
   HiPerFETTM Power MOSFETs Q Class
IXFH20N80Q IXYS-IXFH20N80Q Datasheet
72Kb / 2P
   HiPerFETTM Power MOSFETs Q-Class
IXFR26N60Q IXYS-IXFR26N60Q Datasheet
37Kb / 2P
   HiPerFETTM Power MOSFETs ISOPLUS247 Q-CLASS
IXFT44N50Q3 IXYS-IXFT44N50Q3 Datasheet
138Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT15N100Q3 IXYS-IXFT15N100Q3 Datasheet
134Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT18N100Q3 IXYS-IXFT18N100Q3 Datasheet
137Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT30N50Q3 IXYS-IXFT30N50Q3 Datasheet
138Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT50N30Q3 IXYS-IXFT50N30Q3 Datasheet
139Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com