Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C44054-50J Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC41C44054-50J
Description  4Mx4 bit Dynamic RAM with Fast Page Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C44054-50J Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC41C44054-50J Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41C44054-50J Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41C44054-50J Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C44054-50J Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C44054-50J Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C44054-50J Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C44054-50J Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C44054-50J Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C44054-50J Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
IC41C4405x and IC41LV4405x Series
2
Integrated Circuit Solution Inc.
DR013-0B 10/17/2002
FEATURES
• Fast Page Mode Access Cycle
• TTL compatible inputs and outputs
• Refresh Interval:
-- 2,048 cycles/32 ms
-- 4,096 cycles/64 ms
• Refresh Mode:
RAS-Only,
CAS-before-RAS (CBR), and Hidden
• JEDEC standard pinout
• Single power supply:
5V ± 10% or 3.3V ± 10%
• Byte Write and Byte Read operation via
two
CAS
DESCRIPTION
The
ICSI 4405x Series is a 4,194,304 x 4-bit high-performance
CMOS Dynamic Random Access Memory. The Fast Page
Mode allows 2,048 or 4096 random accesses within a single
row with access cycle time as short as 20 ns per 4-bit word.
These features make the 4405x Series ideally suited for high-
bandwidth graphics, digital signal processing, high-performance
computing systems, and peripheral applications.
The 4405x Series is packaged in a 24-pin 300mil SOJ and a 24
pin TSOP-2
4M x 4 (16-MBIT) DYNAMIC RAM
WITH FAST PAGE MODE
KEY TIMING PARAMETERS
Parameter
-
50
-
60
Unit
RAS Access Time (tRAC)5
0
6
0
ns
CAS Access Time (tCAC)13
15
ns
Column Address Access Time (tAA)25
30
ns
Fast Page Mode Cycle Time (tPC)20
25
ns
Read/Write Cycle Time (tRC)
8
4
104
ns
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
PRODUCT SERIES OVERVIEW
Part No.
Refresh
Voltage
IS41C44052
2K
5
V±10%
IS41C44054
4K
5
V±10%
IS41LV44052
2K
3.3V ± 10%
IS41LV44054
4K
3.3V ± 10%
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC
I/O0
I/O1
WE
RAS
*A11(NC)
A10
A0
A1
A2
A3
VCC
GND
I/O3
I/O2
CAS
OE
A9
A8
A7
A6
A5
A4
GND
* A11 is NC for 2K Refresh devices.
PIN DESCRIPTIONS
A0-A11
Address Inputs (4K Refresh)
A0-A10
Address Inputs (2K Refresh)
I/O0-3
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
CAS
Column Address Strobe
V
cc
Power
GND
Ground
NC
No Connection
PIN CONFIGURATION
24 (26) Pin SOJ, TSOP-2


Similar Part No. - IC41C44054-50J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C44002A ICSI-IC41C44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C44002A-50J ICSI-IC41C44002A-50J Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C44002A-50T ICSI-IC41C44002A-50T Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C44002A-60J ICSI-IC41C44002A-60J Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C44002A-60T ICSI-IC41C44002A-60T Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IC41C44054-50J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41SV44052 ICSI-IC41SV44052 Datasheet
298Kb / 17P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41UV4105 ICSI-IC41UV4105 Datasheet
181Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4105 ICSI-IC41C4105 Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
logo
Mitsubishi Electric Sem...
M5M44400AL MITSUBISHI-M5M44400AL Datasheet
1Mb / 20P
   FAST PAGE MODE 4194304 BIT DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1665 ICSI-IC41C1665 Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C8513 ICSI-IC41C8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
logo
Toshiba Semiconductor
THM91000S TOSHIBA-THM91000S Datasheet
1Mb / 16P
   1,048,576 WORDSX9 BIT FAST PAGE MODE DYNAMIC RAM MODULE
logo
Integrated Circuit Solu...
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com