Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27US08561M Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HY27US08561M
Description  256Mbit (32Mx8bit / 16Mx16bit) NAND Flash
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27US08561M Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HY27US08561M Datasheet HTML 3Page - Hynix Semiconductor HY27US08561M Datasheet HTML 4Page - Hynix Semiconductor HY27US08561M Datasheet HTML 5Page - Hynix Semiconductor HY27US08561M Datasheet HTML 6Page - Hynix Semiconductor HY27US08561M Datasheet HTML 7Page - Hynix Semiconductor HY27US08561M Datasheet HTML 8Page - Hynix Semiconductor HY27US08561M Datasheet HTML 9Page - Hynix Semiconductor HY27US08561M Datasheet HTML 10Page - Hynix Semiconductor HY27US08561M Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Rev 0.7 / Oct. 2004
7
HY27SS(08/16)561M Series
HY27US(08/16)561M Series
256Mbit (32Mx8bit / 16Mx16bit) NAND Flash
MEMORY ARRAY ORGANIZATION
The memory array is made up of NAND structures where 16 cells are connected in series.
The memory array is organized in blocks where each block contains 32 pages. The array is split into two areas, the
main area and the spare area. The main area of the array is used to store data whereas the spare area is typically used
to store Error correction Codes, software flags or Bad Block identification.
In x8 devices the pages are split into a main area with two half pages of 256 Bytes each and a spare area of 16 Bytes.
In the x16 devices the pages are split into a 256 Word main area and an 8 Word spare area. Refer to Figure 8, Memory
Array Organization.
Bad Blocks
The NAND Flash 528 Byte/ 264 Word Page devices may contain Bad Blocks, that is blocks that contain one or more
invalid bits whose reliability is not guaranteed. Additional Bad Blocks may develop during the lifetime of the device.
The Bad Block Information is written prior to shipping (refer to Bad Block Management section for more details).
The values shown include both the Bad Blocks that are present when the device is shipped and the Bad Blocks that
could develop later on.
These blocks need to be managed using Bad Blocks Management, Block Replacement or Error Correction Codes.
Figure 7. Memory Array Organization
1st half Page
(256 bytes)
2nd half Page
(256 bytes)
Block
Page
512 Bytes
16
Bytes
8 bits
8 bits
512 Bytes
16
Bytes
Page Buffer, 528 Bytes
x8 DEVICES
Block= 32 Pages
Page= 528 Bytes (512+16)
Main Area
Block
Page
256 Words
8
Words
16 bits
16 bits
256 Words
8
Words
Page Buffer, 264 Words
x16 DEVICES
Block= 32 Pages
Page= 264 Bytes (256+8)
Sp
are
Ar
ea


Similar Part No. - HY27US08561M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27US08561A HYNIX-HY27US08561A Datasheet
428Kb / 47P
   256Mbit (32Mx8bit / 16Mx16bit) NAND Flash
More results

Similar Description - HY27US08561M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27SS08561A HYNIX-HY27SS08561A Datasheet
428Kb / 47P
   256Mbit (32Mx8bit / 16Mx16bit) NAND Flash
HY5S5B6GLF-6 HYNIX-HY5S5B6GLF-6 Datasheet
3Mb / 52P
   256Mbit (16Mx16bit) Mobile SDR Memory
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
logo
Hynix Semiconductor
HY27UF082G2B HYNIX-HY27UF082G2B Datasheet
411Kb / 54P
   2Gb NAND FLASH
HY27UG088G5B HYNIX-HY27UG088G5B Datasheet
380Kb / 53P
   8Gb NAND FLASH
logo
List of Unclassifed Man...
S846-SAS ETC2-S846-SAS Datasheet
250Kb / 2P
   MLC Nand Flash
logo
A-Data Technology
GAMMIXS10 A-DATA-GAMMIXS10 Datasheet
291Kb / 2P
   3D NAND Flash
logo
Hynix Semiconductor
HY27UF084G2M HYNIX-HY27UF084G2M Datasheet
342Kb / 49P
   4Gbit (512Mx8bit) NAND Flash
logo
A-Data Technology
SD700 A-DATA-SD700 Datasheet
1Mb / 2P
   Quality 3D NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com