Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC172QS24 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC172QS24
Description  GaAS MMIC SP6T SWITCH DC TO 2.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC172QS24 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC172QS24 Datasheet HTML 1Page - Hittite Microwave Corporation HMC172QS24 Datasheet HTML 2Page - Hittite Microwave Corporation HMC172QS24 Datasheet HTML 3Page - Hittite Microwave Corporation HMC172QS24 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7 - 26
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
'99
new!
7
Features
GaAS MMIC SP6T SWITCH DC TO 2.5 GHz
LOW INSERTION LOSS (1 GHz): 0.6dB
INTEGRATED 3:6 DECODER
24 LEAD QSOP PACKAGE
General Description
The HMC172QS24 is a low-cost SP6T switch in
a 24-lead QSOP package for use in antenna
diversity, switched filter banks, gain/attenuation
selection, and general channel multiplexing ap-
plications. The switch can control signals up to
2.5 GHz and is especially suited for 800-1000
MHz and 1700-2000 MHz basestation applica-
tions. A 3:6 decoder is integrated on the switch,
requiring only 3 control lines and a negative bias
to select each RF path. The 3:6 decoder re-
places 12 control lines normally required by
GaAS SP6T switches.
Switch outputs are
reflective shorts when "off". The QSOP24 pack-
age occupies the same area as a 14-lead SOIC.
See
positive
bias/TTL
SP6T
version
HMC252QS24.
r
e
t
e
m
a
r
a
P
y
c
n
e
u
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
s
s
o
L
n
o
i
t
r
e
s
n
I
z
H
G
5
.
0
-
C
D
z
H
G
0
.
1
-
C
D
z
H
G
0
.
2
-
C
D
z
H
G
5
.
2
-
C
D
5
.
0
6
.
0
0
.
1
5
.
1
8
.
0
9
.
0
5
.
1
0
.
2
B
d
B
d
B
d
B
d
n
o
i
t
a
l
o
s
I
z
H
G
5
.
0
-
C
D
z
H
G
0
.
1
-
C
D
z
H
G
0
.
2
-
C
D
z
H
G
5
.
2
-
C
D
6
3
1
3
2
2
9
1
1
4
5
3
6
2
3
2
B
d
B
d
B
d
s
s
o
L
n
r
u
t
e
R
z
H
G
0
.
1
-
C
D
z
H
G
0
.
2
-
C
D
z
H
G
5
.
2
-
C
D
9
1
7
5
3
2
1
1
8
B
d
B
d
n
o
i
s
s
e
r
p
m
o
C
B
d
1
r
o
f
r
e
w
o
P
t
u
p
n
I
z
H
M
0
5
z
H
G
5
.
2
-
5
.
0
2
2
4
2
m
B
d
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
t
u
p
n
I
z
H
M
0
5
z
H
G
5
.
2
-
5
.
0
5
3
0
4
m
B
d
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
g
n
i
h
c
t
i
w
S
)
F
R
%
0
9
/
0
1
(
L
L
A
F
t
,
E
S
I
R
t
)
F
R
%
0
9
/
0
1
o
t
L
T
C
%
0
5
(
F
F
O
t
,
N
O
t
z
H
G
5
.
2
-
C
D
5
2
0
5
s
n
s
n
Guaranteed Performance
For 0/-5V Control and Vee = -5V in a 50 Ohm system, -40 to +85 deg C
HMC172QS24
V
01.0101


Similar Part No. - HMC172QS24

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24 Datasheet
213Kb / 6P
   GaAs MMIC SP6T SWITCH DC - 2.5 GHz
HMC172QS24 HITTITE-HMC172QS24_01 Datasheet
213Kb / 6P
   GaAs MMIC SP6T SWITCH DC - 2.5 GHz
More results

Similar Description - HMC172QS24

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC172QS24 HITTITE-HMC172QS24_01 Datasheet
213Kb / 6P
   GaAs MMIC SP6T SWITCH DC - 2.5 GHz
HMC252QS24 HITTITE-HMC252QS24_08 Datasheet
173Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
logo
Analog Devices
HMC252AQS24E AD-HMC252AQS24E Datasheet
601Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC252QS24 HITTITE-HMC252QS24_06 Datasheet
249Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3.0 GHz
HMC252QS24 HITTITE-HMC252QS24 Datasheet
196Kb / 4P
   GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3.0 GHz
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239AS8 HITTITE-HMC239AS8 Datasheet
303Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239S8 HITTITE-HMC239S8_10 Datasheet
198Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239S8 HITTITE-HMC239S8_06 Datasheet
227Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 2.5 GHz
logo
Tyco Electronics
SW-284 MACOM-SW-284 Datasheet
69Kb / 2P
   GaAs Matched SP6T Switch DC - 2 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com