Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD404364F Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD404364F
Description  4-bit HMCS400-Series microcomputer
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD404364F Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD404364F Datasheet HTML 1Page - Hitachi Semiconductor HD404364F Datasheet HTML 2Page - Hitachi Semiconductor HD404364F Datasheet HTML 3Page - Hitachi Semiconductor HD404364F Datasheet HTML 4Page - Hitachi Semiconductor HD404364F Datasheet HTML 5Page - Hitachi Semiconductor HD404364F Datasheet HTML 6Page - Hitachi Semiconductor HD404364F Datasheet HTML 7Page - Hitachi Semiconductor HD404364F Datasheet HTML 8Page - Hitachi Semiconductor HD404364F Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
HD404369 Series
Rev. 6.0
Sept. 1998
Description
The HD404369 Series is a 4-bit HMCS400-Series microcomputer designed to increase program
productivity and also incorporate large-capacity memory. Each microcomputer has an A/D converter, input
capture timer, 32-kHz oscillator for clock, and four low-power dissipation modes.
The HD404369 Series includes nine chips: the HD404364, HD40A4364 with 4-kword ROM; the
HD404368, HD40A4368 with 8-kword ROM; the HD4043612, HD40A43612 with 12-kword ROM; the
HD404369, HD40A4369 with 16-kword ROM; the HD407A4369 with 16-kword PROM.
The HD40A4364, HD40A4368, HD40A43612, HD40A4369, and HD407A4369 are high speed versions
(minimum instruction cycle time: 0.47
µs).
The HD407A4369 is a PROM version (ZTAT
™ microcomputer). A program can be written to the PROM
by a PROM writer, which can dramatically shorten system development periods and smooth the process
from debugging to mass production. (The ZTAT
™ version is 27256-compatible.)
Features
• 512-digit × 4-bit RAM
• 54 I/O pins
 One input-only pin
 53 input/output pins: 8 pins are intermediate-voltage NMOS open drain with high-current pins (15
mA, max.)
• On-chip A/D converter (8-bit × 12-channel)
 Low power voltage 2.7 V to 6.0 V
• Three timers
 One event counter input
 One timer output
 One input capture timer
• Eight-bit clock-synchronous serial interface (1 channel)
• Alarm output


Similar Part No. - HD404364F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404364F RENESAS-HD404364F Datasheet
421Kb / 117P
   microcomputer has an A/D converter
More results

Similar Description - HD404364F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404318 HITACHI-HD404318 Datasheet
305Kb / 66P
   4-bit HMCS400-series microcomputer
HD404356 HITACHI-HD404356 Datasheet
398Kb / 100P
   4-bit HMCS400-Series microcomputer
HD404339 HITACHI-HD404339 Datasheet
337Kb / 78P
   4-bit HMCS400-Series microcomputer with large-capacity memory
logo
Renesas Technology Corp
HD404459 RENESAS-HD404459 Datasheet
420Kb / 122P
   4-bit HMCS400-series microcomputers
logo
Hitachi Semiconductor
HD404918 HITACHI-HD404918 Datasheet
1Mb / 45P
   CMOS 4-bit single-chip microcomputer of the HMCS400 series incorporates ROM,RAM,1
HD44795 HITACHI-HD44795 Datasheet
689Kb / 11P
   4-Bit CMOS Microcomputer
logo
Toshiba Semiconductor
TMP47C423AF TOSHIBA-TMP47C423AF Datasheet
543Kb / 24P
   CMOS 4-bit Microcomputer
logo
Hitachi Semiconductor
HD613901 HITACHI-HD613901 Datasheet
655Kb / 11P
   4-BIT CMOS MICROCOMPUTER
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com