Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS8135 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS8135
Description  TRIPLE 10-BIT, 240 MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO (ITU-R.BT601) COMPLIANT FULL SCALE RANGE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8135 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS8135 Datasheet HTML 7Page - Texas Instruments THS8135 Datasheet HTML 8Page - Texas Instruments THS8135 Datasheet HTML 9Page - Texas Instruments THS8135 Datasheet HTML 10Page - Texas Instruments THS8135 Datasheet HTML 11Page - Texas Instruments THS8135 Datasheet HTML 12Page - Texas Instruments THS8135 Datasheet HTML 13Page - Texas Instruments THS8135 Datasheet HTML 14Page - Texas Instruments THS8135 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
THS8135
TRIPLE 10-BIT, 240 MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO
(ITU-R.BT601)—COMPLIANT FULL SCALE RANGE
SLAS343A – MAY 2001 – REVISED JUNE 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
0
1023
0
700
512
400
50
800
64
960
300 mV
800 mV
700 mV
300 mV
Illegal Color
Difference Outputs
Input
Codes
VO
mV
0
Figure 4. CbCr Outputs, Reduced-Scale Input Code Range
output amplitude control
The current drive on all three output channels (including sync) is controlled by a resistor RFS that must be
connected between FSADJ and AVSS. In all operation modes the relative amplitudes of these current drivers
are maintained irrespective of the RFS value, as long as a maximum current drive capability is not exceeded.
Therefore, a 7:3 video to sync ratio is preserved when adjusting RFS.
The sync generator is composed of different current sources that are internally routed to a corresponding DAC
output. Since they are additional to the video DACs, full 10-bit DAC resolution is preserved for video. Depending
on the setting of INS3_INT during SYNC low, the sync current drive is added to either only the green channel
output (sync-on-G/Y) if INS3_INT=L or all three channel outputs (sync-on-all) if INS3_INT=H. Sync insertion
is only available in video DAC mode.
Figure 5 shows the relationship between RFS and the current drive level on each channel for full-range DAC
input. When using reduced-scale range, the codes on the G/Y channel are not internally scaled (only BCb and
RCr channels are scaled). Therefore, the user should increase the DAC full-scale current by decreasing RFS
by a factor of 1023/(940-64) to map the reduced-scale Y input code range to the same output current drive level.
Since these are the current drive levels for the video DACs they do not take into account the additional dc bias
for sync insertion when using video DAC mode. The voltage compliance outputs in Figure 5 assume termination
with a 37.5-
Ω resistor.


Similar Part No. - THS8135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133 TI-THS8133 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
THS8133A TI-THS8133A Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133A TI-THS8133A Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
THS8133ACPHP TI-THS8133ACPHP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
More results

Similar Description - THS8135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133_07 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8136 TI-THS8136 Datasheet
480Kb / 17P
[Old version datasheet]   TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
THS8134 TI-THS8134 Datasheet
346Kb / 24P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
Analog Devices
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
logo
Fairchild Semiconductor
SPT5230 FAIRCHILD-SPT5230 Datasheet
51Kb / 7P
   10-BIT, 36 MWPS TRIPLE VIDEO DAC
logo
Texas Instruments
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
logo
Exar Corporation
CDK3404 EXAR-CDK3404 Datasheet
927Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
CDK3405 EXAR-CDK3405 Datasheet
934Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
logo
Analog Devices
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com