Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS8C5H30L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STS8C5H30L
Description  LOW GATE CHARGE StripFET III MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8C5H30L Datasheet(HTML) 5 Page - STMicroelectronics

  STS8C5H30L Datasheet HTML 1Page - STMicroelectronics STS8C5H30L Datasheet HTML 2Page - STMicroelectronics STS8C5H30L Datasheet HTML 3Page - STMicroelectronics STS8C5H30L Datasheet HTML 4Page - STMicroelectronics STS8C5H30L Datasheet HTML 5Page - STMicroelectronics STS8C5H30L Datasheet HTML 6Page - STMicroelectronics STS8C5H30L Datasheet HTML 7Page - STMicroelectronics STS8C5H30L Datasheet HTML 8Page - STMicroelectronics STS8C5H30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
STS8C5H30L
Figure 9: Gate Charge vs Gate-Source Voltage
n-channel
Figure 10: Normalized Gate Thereshold Volt-
age vs Temperature n-channel
Figure 11: Source-Drain Forward Characteris-
tics n-channel
Figure 12: Capacitance Variations n-channel
Figure 13: Normalized On Resistance vs Tem-
perature n-channel
Figure 14: Normalized BVdss vs Temperature
n-channel


Similar Part No. - STS8C5H30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS8C5H30L STMICROELECTRONICS-STS8C5H30L Datasheet
426Kb / 14P
   N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
STS8C5H30L STMICROELECTRONICS-STS8C5H30L Datasheet
429Kb / 14P
   N-channel 30V - 0.018 廓 - 8A/p-channel 30V - 0.045 廓 - 5A - SO-8 Low gate charge STripFET??III MOSFET
STS8C5H30L STMICROELECTRONICS-STS8C5H30L_07 Datasheet
426Kb / 14P
   N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
STS8C5H30L_0707 STMICROELECTRONICS-STS8C5H30L_0707 Datasheet
429Kb / 14P
   N-channel 30V - 0.018 廓 - 8A/p-channel 30V - 0.045 廓 - 5A - SO-8 Low gate charge STripFET??III MOSFET
More results

Similar Description - STS8C5H30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSJ18NF3LL STMICROELECTRONICS-STSJ18NF3LL Datasheet
212Kb / 9P
   LOW GATE CHARGE STripFET II POWER MOSFET
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
   N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL Datasheet
225Kb / 9P
   DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
STS9NH3LL STMICROELECTRONICS-STS9NH3LL_07 Datasheet
343Kb / 13P
   N-channel 30 V - 0.018 廓 - 9 A - SO-8 low gate charge STripFET??III Power MOSFET
STL35NF10 STMICROELECTRONICS-STL35NF10 Datasheet
165Kb / 6P
   N-CHANNEL 100V - 0.025ohm - 35A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL35NF3LL STMICROELECTRONICS-STL35NF3LL Datasheet
183Kb / 6P
   N-CHANNEL 30V - 0.0055ohm - 35A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL28NF3LL STMICROELECTRONICS-STL28NF3LL Datasheet
117Kb / 6P
   N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL30NF3LL STMICROELECTRONICS-STL30NF3LL Datasheet
169Kb / 6P
   N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL_08 Datasheet
315Kb / 12P
   Dual n-channel 30 V - 0.018 廓 - 8 A - SO-8 low gate charge STripFET??III Power MOSFET
STD95NH02L STMICROELECTRONICS-STD95NH02L Datasheet
319Kb / 11P
   N-CHANNEL 24V - 0.0039ohm - 80A DPAK ULTRA LOW GATE CHARGE STripFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com