Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLIPCHIP11 Datasheet(PDF) 7 Page - STMicroelectronics

Part # FLIPCHIP11
Description  4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLIPCHIP11 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button FLIPCHIP11 Datasheet HTML 3Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 4Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 5Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 6Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 7Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 8Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 9Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 10Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ST4G3234
7/11
Figure 5: Waveform - Propagation Delay (f=1MHz; 50% duty cycle)
Figure 6: Marking
NOTE: E = Eco Level; Y = Assy Year; WW = Assy Week; X = Marking Area; Marking Code 9521


Similar Part No. - FLIPCHIP11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
   DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
   Digital Video Format Converter
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
   Digital Video Format Converter Product Brief
logo
STMicroelectronics
FLI30336-AC STMICROELECTRONICS-FLI30336-AC Datasheet
125Kb / 7P
   Single-chip enhanced LCD TV controller
FLI30502-AC STMICROELECTRONICS-FLI30502-AC Datasheet
199Kb / 7P
   Single-chip analog TV processor
More results

Similar Description - FLIPCHIP11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
   4-bit dual supply bus buffer level translator with a side series resistor
ST4G3235 STMICROELECTRONICS-ST4G3235 Datasheet
544Kb / 13P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
   1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
   1-bit dual supply bus transceiver level translator with A-side series resistor
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
   2-bit dual supply bus transceiver level translator with a side series resistor
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com