Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74VCX16244 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74VCX16244
Description  16-Bit Buffer/Driver with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74VCX16244 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74VCX16244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PS8160C
09/27/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74VCX16244
16-Bit Buffer/Driver
with3-StateOutputs
s
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CV D
D
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V H
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
H
G
I
H
3
.
2
-
8
.
1
x
7
.
0V D
D
V
V L
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
W
O
L
V
x
2
.
0
D
D
V H
O
e
g
a
tl
o
V
t
u
p
t
u
O
l
e
v
e
L
H
G
I
HI H
O
0
0
1
-
=
µA
8
.
1
V D
D
2
.
0
-
I H
O
A
m
6
-
=4
.
1
V L
O
e
g
a
tl
o
V
t
u
p
t
u
O
l
e
v
e
L
W
O
LI L
O
0
0
1
=
µA2
.
0
I L
O
A
m
6
=3
.
0
II
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
IVI
V
8
.
1
=
I
V
,
V
0
.
0
=0
.
5
±
µA
I Z
O
e
g
a
k
a
e
L
t
u
p
t
u
O
E
T
A
T
S
-
3
0
≤ VO
V
6
.
3
VI V
=
H
I
V
r
o
L
I
0
1
±
I F
F
O
t
n
e
r
r
u
C
e
g
a
k
a
e
L
F
F
O
-
r
e
w
o
P0
≤ V
( I V
, O)
V
6
.
30
0
1
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
Q
VI V
=
D
D
D
N
G
r
o8
.
10
2
V D
D
≤ V
( I V
, O)
V
6
.
38
.
10
2
±
DC Characteristics (2.3V
≤≤≤≤≤ V
DD
≤≤≤≤ 2.7V)
DC Characteristics (1.8V
≤≤≤≤≤ V
DD
≤≤≤≤ 2.3V)
Electrical Characteristics over Recommended Operating Free-Air Temperature Range
(unless otherwise noted) (continued from previous page)
s
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CV D
D
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V H
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
H
G
I
H
7
.
2
-
3
.
2
6
.
1
V
V L
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
W
O
L
7
.
0
V H
O
e
g
a
tl
o
V
t
u
p
t
u
O
l
e
v
e
L
H
G
I
H
I H
O
0
0
1
-
=
µAV D
D
2
.
0
-
I H
O
A
m
6
-
=
3
.
2
0
.
2
I H
O
A
m
2
1
-
=8
.
1
I H
O
A
m
8
1
-
=7
.
1
V L
O
e
g
a
tl
o
V
t
u
p
t
u
O
l
e
v
e
L
W
O
L
I L
O
0
0
1
=
µA7
.
2
-
3
.
22
.
0
I L
O
A
m
2
1
=
3
.
2
4
.
0
I L
O
A
m
8
1
=6
.
0
II
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
IVI
V
,
V
0
.
0
=
I
V
7
.
2
=7
.
20
.
5
±
µA
I Z
O
e
g
a
k
a
e
L
t
u
p
t
u
O
E
T
A
T
S
-
3
0
≤ VO
V
6
.
3
VI V
=
H
I
V
r
o
L
I
7
.
2
-
3
.
20
1
±
I F
F
O
t
n
e
r
r
u
C
e
g
a
k
a
e
L
F
F
O
-
r
e
w
o
P0
≤ V
( I V
, O)
V
6
.
30
0
1
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
Q
VI V
=
D
D
D
N
G
r
o
7
.
2
-
3
.
2
0
2
V D
D
≤ V
( I V
, O)
V
6
.
30
2
±


Similar Part No. - PI74VCX16244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
More results

Similar Description - PI74VCX16244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
   16-Bit Buffer Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com