Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1145ACAP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1145ACAP
Description  14-Bit ADCs, 150ksps, 3.3V Single Supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1145ACAP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1145ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 9Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX1144/MAX1145, AVDD = DVDD = 3.3V, fSCLK = 3.6MHz, external clock (50% duty cycle), 24 clocks/conversion (150ksps),
bipolar input, REF = 2.048V, 4.7µF on REF, 1µF on CREF, TA = +25°C, unless otherwise noted.)
OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
-2.5
-2.0
-1.0
-0.5
0
-40
A: AVDD, DVDD = 3.135V
B: AVDD, DVDD = 3.3V
C: AVDD, DVDD = 3.465V
C
B
A
-1.5
GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
0.01
0
0.03
0.02
0.04
0.05
0.06
-40
A: AVDD, DVDD = 3.135V
B: AVDD, DVDD = 3.3V
C: AVDD, DVDD = 3.465V
C
B
A
TOTAL SUPPLY CURRENT vs.
CONVERSION RATE (USING SHUTDOWN)
CONVERSION RATE (ksps)
1000
100
10
1
0.01
100
10
1
0.1
0
FFT PLOT
FREQUENCY (kHz)
60
50
40
30
20
10
-100
-80
-60
-40
-20
0
-120
070
fSAMPLE = 150kHz
fIN = 5kHz
SINAD PLOT
FREQUENCY (kHz)
10
1
10
20
30
40
50
60
70
80
90
100
0
0.1
100
fSAMPLE = 150kHz
SFDR PLOT
FREQUENCY (kHz)
10
1
10
20
30
40
50
60
70
80
90
100
110
120
0
0.1
100
fSAMPLE = 150kHz
THD PLOT
FREQUENCY (kHz)
10
1
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
0.1
100
fSAMPLE = 150kHz
14-Bit ADCs, 150ksps, 3.3V Single Supply


Similar Part No. - MAX1145ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX114 MAXIM-MAX114 Datasheet
102Kb / 12P
   5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX114-MAX118 MAXIM-MAX114-MAX118 Datasheet
102Kb / 12P
   5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
   24-Bit Multi-Channel Low-Power
Rev 0; 5/16
MAX11410 MAXIM-MAX11410 Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
More results

Similar Description - MAX1145ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1144 MAXIM-MAX1144 Datasheet
1Mb / 18P
   14-Bit ADCs, 150ksps, 3.3V Single Supply
19-2465; Rev 0; 4/02
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-1 LINER-LTC1605-1 Datasheet
315Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1319 MAXIM-MAX1319 Datasheet
256Kb / 20P
   526ksps, Single-Channel, 14-Bit, Parallel-Interface ADCs
19-3592; Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com