Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1145ACAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1145ACAP
Description  14-Bit ADCs, 150ksps, 3.3V Single Supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1145ACAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1145ACAP Datasheet HTML 1Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX1145ACAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX1144/MAX1145 are 150ksps, 14-bit ADCs.
These serially interfaced ADCs connect directly to
SPI™, QSPI™, and MICROWIRE™ devices without
external logic. They combine an input scaling network,
internal track/hold, clock, and three general-purpose
digital output pins (for external multiplexer or PGA con-
trol) in a 20-pin SSOP package. The excellent dynamic
performance (THD
≥ 90dB), high speed (150ksps in
bipolar mode), and low power (8.0mA) of these ADCs
make them ideal for applications such as industrial
process control, instrumentation, and medical applica-
tions.
The MAX1144 accepts input signals of 0 to +6V (unipo-
lar) or ±6V (bipolar), while the MAX1145 accepts input
signals of 0 to +2.048V (unipolar) or ±2.048V (bipolar).
Operating from a single 3.135V to 3.465V analog digital
supply, powerdown modes reduce current consump-
tion to 0.15mA at 10ksps and further reduce supply
current to less than 20µA slower data rates.
A serial strobe output (SSTRB) allows direct connection
to the TMS320 family digital-signal processors. The
MAX1144/MAX1145 user can select either the internal
clock or an external serial-interface clock for the ADC to
perform analog-to-digital conversions.
The MAX1144/MAX1145 feature internal calibration cir-
cuitry to correct linearity and offset errors. On-demand
calibration allows the user to optimize performance.
Three user-programmable logic outputs are provided
for the control of an 8-channel mux or PGA.
The MAX1144/MAX1145 are available in a 20-pin SSOP
package and are fully specified over the -40°C to
+85°C temperature range.
Applications
Industrial Process Control
Industrial I/O Modules
Data-Acquisition Systems
Medical Instruments
Portable and Battery-Powered Equipment
Features
o 150ksps (Bipolar) and 125ksps (Unipolar)
Sampling ADC
o 14 Bits, No Missing Codes
o 1LSB INL Guaranteed
o -100dB THD
o 3.3V Single-Supply Operation
o Low-Power Operation
5mA typ (Unipolar Mode)
o 1.2µA Shutdown Mode
o Software-Configurable Unipolar and Bipolar Input
Ranges
0 to +6V and ±6V (MAX1144)
0 to +2.048V and ±2.048V (MAX1145)
o Internal or External Clock
o SPI/QSPI/MICROWIRE TMS320-Compatible Serial
Interface
o Three User-Programmable Logic Outputs
o Small 20-Pin SSOP Package
14-Bit ADCs, 150ksps, 3.3V Single Supply
________________________________________________________________ Maxim Integrated Products
1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
AIN
AGND
CREF
CS
AVDD
AGND
AVDD
REF
TOP VIEW
DIN
DVDD
DGND
SCLK
P1
P2
SHDN
DGND
12
11
9
10
RST
DOUT
SSTRB
PO
MAX1144
MAX1145
SSOP
Pin Configuration
Ordering Information
19-2465; Rev 0; 4/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued at end of data sheet.
Functional Diagram and Typical Application Circuit appear
at end of data sheet.
PART
TEMP
RANGE
PIN-
PACKAGE
INL
(LSB)
MAX1144ACAP
0
°C to +70°C
20 SSOP
±1
MAX1144BCAP
0
°C to +70°C
20 SSOP
±2
MAX1144AEAP
-40
°C to +85°C
20 SSOP
±1
MAX1144BEAP
-40
°C to +85°C
20 SSOP
±2
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor, Corp.


Similar Part No. - MAX1145ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX114 MAXIM-MAX114 Datasheet
102Kb / 12P
   5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX114-MAX118 MAXIM-MAX114-MAX118 Datasheet
102Kb / 12P
   5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
19-1083; Rev 1; 8/96
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
   24-Bit Multi-Channel Low-Power
Rev 0; 5/16
MAX11410 MAXIM-MAX11410 Datasheet
5Mb / 20P
   Savable Plots and Register Configurations
Rev 1; 1/21
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
More results

Similar Description - MAX1145ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1144 MAXIM-MAX1144 Datasheet
1Mb / 18P
   14-Bit ADCs, 150ksps, 3.3V Single Supply
19-2465; Rev 0; 4/02
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-1 LINER-LTC1605-1 Datasheet
315Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1319 MAXIM-MAX1319 Datasheet
256Kb / 20P
   526ksps, Single-Channel, 14-Bit, Parallel-Interface ADCs
19-3592; Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com