Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1144ACAP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1144ACAP
Description  14-Bit ADCs, 150ksps, 3.3V Single Supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1144ACAP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1144ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX1144ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX1144ACAP Datasheet HTML 9Page - Maxim Integrated Products MAX1144ACAP Datasheet HTML 10Page - Maxim Integrated Products MAX1144ACAP Datasheet HTML 11Page - Maxim Integrated Products MAX1144ACAP Datasheet HTML 12Page - Maxim Integrated Products MAX1144ACAP Datasheet HTML 13Page - Maxim Integrated Products MAX1144ACAP Datasheet HTML 14Page - Maxim Integrated Products MAX1144ACAP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
14-Bit ADCs, 150ksps, 3.3V Single Supply
______________________________________________________________________________________
11
SCLK
DOUT
DIN
SSTRB
CS
4
18
START
M1
M0
P2
P1
P0
9
21
24
B2
B12
B13
MSB
B1
XX
B0
LSB
FILLED WITH
ZEROS
tACQ
tCONV
UNI/
BIP
INT/
EXT
Figure 5. Internal Clock Mode Timing, Short Acquisition, Bipolar Mode
In long acquisition mode, SSTRB pulses high for one
clock period after the 15th falling edge of SCLK follow-
ing the start bit. The MSB of the conversion is available
at DOUT on the 16th falling edge of SCLK (Figure 3).
In external clock mode, SSTRB is high impedance
when CS is high (Figure 4). In external clock mode, CS
is normally held low during the entire conversion. If CS
goes high during the conversion SCLK is ignored until
CS goes low. This allows external clock mode to be
used with 8-bit bytes.
Internal Clock
In internal clock mode, the MAX1144/MAX1145 generate
their own conversion clock. This frees the microprocessor
from the burden of running the SAR conversion clock,
and allows the conversion results to be read back at the
processor’s convenience, at any clock rate up to 4MHz.
SSTRB goes low at the start of the conversion and goes
high when the conversion is complete. SSTRB will be
low for a maximum of 7µs, during which time SCLK
should remain low for best noise performance. An inter-
nal register stores data when the conversion is in
progress. SCLK clocks the data out of the internal stor-
age register at any time after the conversion is complete.
The MSB of the conversion is available at DOUT when
SSTRB goes high. The subsequent 13 falling edges on
SCLK shift the remaining bits out of the internal storage
register (Figure 5). CS does not need to be held low
once a conversion is started.
P0 CLOCKED IN
tSSTRB
tCONV
tSCK
tCSS
SSTRB
SCLK
NOTE: FOR BEST NOISE PERFORMANCE, KEEP SCLK LOW DURING CONVERSION.
tCSH
CS
Figure 6. Internal Clock Mode SSTRB Detailed Timing


Similar Part No. - MAX1144ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1144ACAP MAXIM-MAX1144ACAP Datasheet
1Mb / 18P
   14-Bit ADCs, 150ksps, 3.3V Single Supply
19-2465; Rev 0; 4/02
More results

Similar Description - MAX1144ACAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1144 MAXIM-MAX1144 Datasheet
1Mb / 18P
   14-Bit ADCs, 150ksps, 3.3V Single Supply
19-2465; Rev 0; 4/02
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-1 LINER-LTC1605-1 Datasheet
315Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1319 MAXIM-MAX1319 Datasheet
256Kb / 20P
   526ksps, Single-Channel, 14-Bit, Parallel-Interface ADCs
19-3592; Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com