Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NTE7016 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7016
Description  Integrated Circuit FM IF System
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE7016
Integrated Circuit
FM IF System
Description:
The NTE7016 is a monolithic integrated circuit that provides all the functions of a comprehensive FM–
IF system. This device includes a three–stage FM–IF amplifier/limiter configuration with level detec-
tors for each stage, a doubly–balanced quadrature FM detector, and an audio amplifier that features
the optional use of a muting (squelch) circuit.
The advanced circuit design of the IF system includes desirable deluxe features such as program-
mable delayed AGC for the RF tuner, an AFC drive circuit, and an output signal to drive a tuning meter
and/or provide stereo switching logic. In addition, internal power supply regulators maintain a nearly
constant current drain over the voltage supply range of +8.5 to +16 volts.
The NTE7016 is ideal for high fidelity operation. Distortion in an NTE7016 FM–IF System is primarily
a function of the phase linearity characteristic of the outboard detector coil.
The NTE7016 is available in a 16–Lead DIP type plastic package and can operate over the ambient
temperature range of –40
°C to +85°C.
Features:
D Exceptional Limiting Sensitivity: 12µV typ. at –3db Point
D Low Distortion: 0.1% typ. (With Double–Tuned Coil)
D Single–Coil Tuning Capability
D Improved S + N/N Ratio
D Externally Programmable Recovered Audio Level
D Provides Specific Signal for Control of Interchannel Muting (Squelch)
D Provides Specific Signal for Direct Drive of a Tuning Meter
D On Channel Step for Search Control
D Provides Programmable AGC Voltage for RF Amplifier
D Provides a Specific Circuit for Flexible Audio Output
D Internal Supply Voltage Regulators
D Externally Programmable “ON” Channel Step Width, and Deviation at Which Muting Occurs




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE15014Integrated Circuit Dual dbxII Noise Reduction System 1 2 3 NTE Electronics
NTE1604Integrated Circuit FM IF System for Car Radio 1 2 3 NTE Electronics
KIA6003SBIPOLAR LINEAR INTEGRATED CIRCUIT FM IF SYSTEM IC 1 2 3 4 KEC(Korea Electronics)
NTE1547Integrated Circuit Video Chroma Deflection System for Color TV 1 2 3 4 5 MoreNTE Electronics
NTE7116Integrated Circuit Phase Lock Loop PLL Stereo Decoder BTSC System 1 2 3 4 5 NTE Electronics
KIA2057NBIPOLAR LINEAR INTEGRATED CIRCUIT AM/FM+ IF + MPX FOR DIGITAL TUNING SYSTEM 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA6029ZBIPOLAR LINEAR INTEGRATED CIRCUIT FM IF SYSTEM IC FOR CAR ETR 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA6030ZBIPOLAR LINEAR INTEGRATED CIRCUIT FM MPX SYSTEM FOR CAR ETR 1 2 3 4 5 MoreKEC(Korea Electronics)
KIA6903PBIPOLAR LINEAR INTEGRATED CIRCUIT DC MOTOR SPEED CONTROLLER FOR CASSETTE TAPE RECORDER SYSTEM 1 2 KEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl