Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4801MH Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4801MH
Description  1W Stereo Audio Amplifier Plus Adjustable LDO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4801MH Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4801MH Datasheet HTML 1Page - National Semiconductor (TI) LM4801MH Datasheet HTML 2Page - National Semiconductor (TI) LM4801MH Datasheet HTML 3Page - National Semiconductor (TI) LM4801MH Datasheet HTML 4Page - National Semiconductor (TI) LM4801MH Datasheet HTML 5Page - National Semiconductor (TI) LM4801MH Datasheet HTML 6Page - National Semiconductor (TI) LM4801MH Datasheet HTML 7Page - National Semiconductor (TI) LM4801MH Datasheet HTML 8Page - National Semiconductor (TI) LM4801MH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM4801
1W Stereo Audio Amplifier Plus Adjustable LDO
General Description
The LM4801 combines a bridge-connected (BTL) stereo
audio power amplifier with a low dropout voltage regulator
(LDO). The audio amplifier delivers 1.0W to a 8
Ω load with a
less than 1.0% THD+N while operating on a 5V power
supply.
With the LM4801’s adjustable low-dropout (LDO) CMOS
linear regulator delivers an output current of up to 300mA,
has shutdown mode (1nA, typ) low quiescent current (90µA,
typ) and LDO voltage (120mV, typ). The regulator is stable
with small ceramic capacitive load (2.2µF, typ). The regulator
includes regulation fault detection, a bandgap voltage refer-
ence, and constant current limiting. It is designed for low
power, low current applications that can take advantage of
its 300mA output current capability.
The LM4801 features an externally controlled micropower
shutdown mode and thermal shutdown protection. It also
utilizes circuitry that reduces "clicks and pops" during device
turn-on and return from shutdown.
Boomer audio power amplifiers are designed specifically to
use few external components and provide high quality output
power in a surface mount package.
Key Specifications
n
P
O (BTL): VDD = 5V, THD+N
≤ 1%, R
L =8
Ω 1.0W(typ)
n
Power supply range (amplifier)
3.0V to 5.0V
n
Power supply range (LDO)
2.5V to 6.0V
n
Shutdown current
0.07µA (typ)
n
LDO output current
300mA (min)
n
LDO dropout voltage (I
OUT = 300mA)
120mV (typ)
n
LDO quiescent supply current
90µA (typ)
n
LDO shutdown supply current
1nA (typ)
n
LDO PSRR
60dB
n
LDO turn-on time
120ms (typ)
n
LDO ouput noise-voltage
37µV
RMS (typ)
Features
n
Stereo BTL amplifier
n
Adjustable LDO regulator
n
“Click and pop” suppression circuitry
n
LDO is stable with small-value ceramic output capacitors
n
Unity-gain stable audio amplifiers
n
LDO has over-current protection
n
Thermal shutdown protection circuitry
n
TSSOP (MH) package
Applications
n
Multimedia monitors
n
Portable and desktop computers
n
Portable televisions
Connection Diagram
20073629
Top View
Order Number LM4801MH
See NS Package Number MXA28A for TSSOP
Boomer® is a registered trademark of National Semiconductor Corporation.
September 2003
© 2003 National Semiconductor Corporation
DS200736
www.national.com


Similar Part No. - LM4801MH

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM4801 LEIDITECH-LM4801 Datasheet
1Mb / 6P
   LCE P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LM4801MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4817 NSC-LM4817 Datasheet
738Kb / 21P
   1W Stereo Audio Amplifier Plus Adjustable Output Limiter Plus Adjustable LDO
LM4816 NSC-LM4816 Datasheet
429Kb / 13P
   1W Stereo Audio Amplifier Adjustable Output Limiter
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
   1W Monaural, 85mW Stereo Headphone Audio Amplifier
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone
logo
STMicroelectronics
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
   2 x 1W differential input stereo audio amplifier
logo
Rohm
BH7884EFV ROHM-BH7884EFV_10 Datasheet
364Kb / 11P
   1W1W Stereo Speaker / Headphone Amplifier
logo
Integrated Silicon Solu...
IS31AP4088A-QFLS2-TR ISSI-IS31AP4088A-QFLS2-TR Datasheet
346Kb / 20P
   DUAL 2.84W STEREO AUDIO AMPLIFIER PLUS HEADPHONE DRIVER
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com