Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM573-P Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FM573-P
Description  Nonvolatile Octal Latch/Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FM573-P Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FM573-P Datasheet HTML 2Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 3Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 4Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 5Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 6Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 7Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 8Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 9Page - List of Unclassifed Manufacturers FM573-P Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Ramtron
FM573/574
27 March 2001
7/10
AC Parameters TA = -40
° C to + 85° C, CL = 50 pF unless otherwise specified
VDD=2.7V – 3.6V
VDD=5.0V +/- 10%
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
fMAX
Maximum clock frequency
12
30
MHz
tCW
Clock minimum pulse width
30
8
ns
tPD
Propagation delay Dn to Qn
Propagation delay C to Qn
80
33
ns
tEN
Output enable time /OE to Qn
70
28
ns
tDIS
Output disable /OE to Qn Hi-Z
60
25
ns
1
tDS
Data setup Dn to C low (573)
Data setup Dn to C
↑ (574)
5
5
ns
tDH
Data hold Dn after C low (573)
Data hold after C high (574)
7
5
ns
Notes:
1
This parameter is characterized but not tested.
Power Cycling and Data Retention TA = -40
° C to + 85° C, VDD = 2.7V to 5.5V unless otherwise specified
VDD=2.7V – 3.6V
VDD=5.0V +/- 10%
Symbol
Parameter
Min
Max
Min
Max
Units
Notes
Nonvolatile data retention
1
1
Year
1
Latched state changes
1E10
1E10
Changes
2
tPDS
Last state change to VMIN
2
1
µS
3
tRES
VMIN to output valid
1
1
µS
4
tPUH
VMIN to first user write
1.5
1.5
µS
4,5
Notes:
1.
Data retention is measured from the last state change, and is the time that a state will be retained at 85
° C and
correctly restored on power-up. The process of powering up (and reading the nonvolatile state) refreshes the
stored state and re -starts the data retention period even if the state is unchanged.
2.
The nonvolatile elements are written when the latched state changes. Changes on either Dn or Qn that are not
latched have no effect.
3.
The last write to the nonvolatile latch element must occur prior to reaching VMIN during a power down.
4.
After the power supply reaches approximately VMIN during a power up, the nonvolatile latch is read and the
value restored to the user latch. This spec. provides the time needed to restore the FM573/FM574 pins to the
restored state depending on the state of /OE.
5.
The user should not attempt to write during the restore process. In particular, powering up in transparent mode
(FM573) defeats the purpose of using a nonvolatile latch.
Capacitance TA = 25
° C , f=1.0 MHz, VDD = 5V
Symbol
Parameter
Max
Units
Notes
CIN
Input capacitance
6
pF
1
Notes
1
This parameter is characterized but not tested.
Equivalent AC Load Circuit
AC Test Conditions
Input Pulse Levels
0.1VDD to 0.9VDD
Input rise and fall times
10 ns
Input and output timing levels
0.3VDD, 0.7 VDD
1.3V
Output
3300
50 pF


Similar Part No. - FM573-P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
41Kb / 8P
   Analog Temperature Sensor
FM50 FAIRCHILD-FM50 Datasheet
693Kb / 8P
   Analog Temperature Sensor
logo
RFE international
FM50 RFE-FM50 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
FM50 RFE-FM50 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
More results

Similar Description - FM573-P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB8282A SIEMENS-SAB8282A Datasheet
110Kb / 6P
   Octal Latch
logo
Intel Corporation
M8283 INTEL-M8283 Datasheet
207Kb / 4P
   OCTAL LATCH
logo
Texas Instruments
CD54AC373 TI1-CD54AC373 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Transparent Latch
PCA8550 TI-PCA8550 Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
PCA8550 TI-PCA8550_06 Datasheet
208Kb / 12P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
logo
STMicroelectronics
M74HC597RM13TR STMICROELECTRONICS-M74HC597RM13TR Datasheet
408Kb / 14P
   8 BIT LATCH/SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC597 HITACHI-HD74HC597 Datasheet
57Kb / 10P
   8-bit Latch/Shift Register
logo
Toshiba Semiconductor
TB62600F TOSHIBA-TB62600F_06 Datasheet
498Kb / 15P
   64BIT SHIFT REGISTER / LATCH DRIVER
TB62600F TOSHIBA-TB62600F Datasheet
419Kb / 12P
   64BIT SHIFT REGISTER/LATCH DRIVER
TB62600FG TOSHIBA-TB62600FG Datasheet
499Kb / 15P
   64BIT SHIFT REGISTER / LATCH DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com