Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5601MP18X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5601MP18X
Description  Regulated Step-Down Charge Pump DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5601MP18X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5601MP18X Datasheet HTML 1Page - Fairchild Semiconductor FAN5601MP18X Datasheet HTML 2Page - Fairchild Semiconductor FAN5601MP18X Datasheet HTML 3Page - Fairchild Semiconductor FAN5601MP18X Datasheet HTML 4Page - Fairchild Semiconductor FAN5601MP18X Datasheet HTML 5Page - Fairchild Semiconductor FAN5601MP18X Datasheet HTML 6Page - Fairchild Semiconductor FAN5601MP18X Datasheet HTML 7Page - Fairchild Semiconductor FAN5601MP18X Datasheet HTML 8Page - Fairchild Semiconductor FAN5601MP18X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FAN5601
PRODUCT SPECIFICATION
REV. 1.0.4 4/4/05
3
Absolute Maximum Ratings (Note1)
Recommended Operating Conditions
Notes:
1. Operation beyond the absolute maximum rating may cause permanent damage to device.
2. Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
3. One square inch, 1oz bottom side GND plane connected to top side GND plane by field of via.
Parameter
Min
Max
Unit
VIN,VOUT, ENABLE to GND
-0.3
6.0
V
C+, C-, to GND
-0.3
VIN + 0.3
V
VOUT Short Circuit Duration
INDEFINITE
Lead Soldering Temperature (10 seconds)
300
°C
Operating Temperature Range
-40
+85
°C
Junction Temperature
150
°C
Storage Temperature
-55
150
°C
Electrostatic Discharge (ESD) Protection (Note2)
HBM
4
kV
CDM
1
Parameter
Package
Min
Typ
Max
Unit
Input Voltage
2.2
5.5
V
Output Current
250
mA
Operating Ambient Temperature
-40
85
°C
Thermal Resistance Junction to Tab
6-lead 3x3mm MLP
8
°C/W
Thermal Resistance Junction to Ambient
6-lead 3x3mm MLP (Note 3)
90
°C/W


Similar Part No. - FAN5601MP18X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5601MP18X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com