Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4303R+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS4303R+T
Description  Voltage Sample and Infinite Hold
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4303R+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS4303R+T Datasheet HTML 1Page - Maxim Integrated Products DS4303R+T Datasheet HTML 2Page - Maxim Integrated Products DS4303R+T Datasheet HTML 3Page - Maxim Integrated Products DS4303R+T Datasheet HTML 4Page - Maxim Integrated Products DS4303R+T Datasheet HTML 5Page - Maxim Integrated Products DS4303R+T Datasheet HTML 6Page - Maxim Integrated Products DS4303R+T Datasheet HTML 7Page - Maxim Integrated Products DS4303R+T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Voltage Sample and Infinite Hold
_____________________________________________________________________
3
ACTIVE SUPPLY CURRENT
vs. TEMPERATURE (VOUT = 0.3V)
TEMPERATURE (
°C)
60
35
10
-15
1.05
1.10
1.15
1.20
1.25
1.30
1.00
-40
85
VCC = 3.3V
VCC = 3.6V
VCC = 3.0V
VCC = 2.4V
IL = 0mA
ADJ = VCC
1.27
1.29
1.31
1.33
1.35
1.37
1.39
1.41
1.43
1.45
1.25
ACTIVE SUPPLY CURRENT
vs. TEMPERATURE (VOUT = 3.0V)
TEMPERATURE (
°C)
60
35
10
-15
-40
85
VCC = 3.3V
VCC = 3.6V
IL = 0mA
ADJ = VCC
ACTIVE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.4
3.2
2.6
2.8
3.0
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.00
2.4
3.6
TA = -40
°C
TA = +25
°C
TA = +85
°C
IL = 0mA
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
Note 1: All voltages referenced to ground.
Note 2: Tracking accuracy is defined as VOUT - VIN after the DS4303 has completed self-adjustment.
Note 3: Quantization refers to the size of the voltage steps used to track the input signal.
Note 4: Settling time is the maximum amount of time VOUT requires to self-adjust. The settling time is determined by the following
formula:
∆VOUT x tST.
Note 5: EEPROM programming time is the hold time required after the DS4303 has completed self-adjustment before VIN or VCC
can be removed or before ADJ can be toggled low once again.
Note 6: Turn-on time is defined as the time required for VOUT to reach its specified accuracy after the required supply voltage is
applied.
Note 7: VOUT not loaded.
Note 8: Guaranteed by design.
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = +2.4V to 3.6V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Programming Cycles
+70°C (Note 8)
50,000
Cycles


Similar Part No. - DS4303R+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4300D++ MAXIM-DS4300D+ Datasheet
158Kb / 8P
   DS4-XO Series Crystal Oscillators
Rev 2; 6/08
DS4300P++ MAXIM-DS4300P+ Datasheet
158Kb / 8P
   DS4-XO Series Crystal Oscillators
Rev 2; 6/08
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
logo
Dallas Semiconductor
DS4301U-200 DALLAS-DS4301U-200 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results

Similar Description - DS4303R+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
   Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5532B AD-AD5532B Datasheet
443Kb / 16P
   32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
REV. A
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
   Sample and Hold
logo
Supertex, Inc
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
   High Voltage Sample and Hold Array
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com