Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5455IS-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5455IS-T7
Description  300MHz Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5455IS-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5455IS-T7 Datasheet HTML 2Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 3Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 4Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 5Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 6Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 7Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 8Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 9Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN7385.3
February 17, 2005
FIGURE 11. FREQUENCY RESPONSE FOR VARIOUS CIN
FIGURE 12. FREQUENCY RESPONSE FOR VARIOUS POWER
SUPPLY
FIGURE 13. PSRR
FIGURE 14. CMRR FOR VARIOUS POWER SUPPLY VALUES
FIGURE 15. OUTPUT IMPEDANCE
FIGURE 16. ENABLE/DISABLE RESPONSE
Typical Performance Curves (Continued)
-4
-2
0
-2
-4
-5
-3
-1
-1
-3
100K
1M
10M
300M
FREQUENCY (Hz)
100M
RL=500Ω
AV=+5
RF=102Ω
-5
0pF
22pF
34pF
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
500M
FREQUENCY (Hz)
100M
Supply=±5.0V
RL=500Ω
AV=+2
RF=500Ω
±2.0V
±3.0V
±4.0V
±5.0V
-5
10K
100K
100M
FREQUENCY (Hz)
1K
10M
1M
-70
-60
-50
-40
-30
-20
-10
-0
-80
-90
-100
AV=+1
-40
-60
-80
-100
-120
-30
-50
-70
-90
-110
100
1K
100K
100M
FREQUENCY (Hz)
10K
10M
1M
-130
±2.5
±3.0
±5.0
10K
100K
100M
FREQUENCY (Hz)
1K
10M
1M
1
10
100
1000
0.01
0.001
AV=+1
TIME (400ns/DIV)
CH 2
CH 1
216ns
ENABLE
328ns
DISABLE
AV=+1
RL=500Ω
CL=0
EL5152, EL5153, EL5252, EL5455


Similar Part No. - EL5455IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5455IS-T7 INTERSIL-EL5455IS-T7 Datasheet
705Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5455IS-T7 INTERSIL-EL5455IS-T7 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5455IS-T7 INTERSIL-EL5455IS-T7 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5455IS-T7 RENESAS-EL5455IS-T7 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
More results

Similar Description - EL5455IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_06 Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
logo
Linear Technology
LT1398 LINER-LT1398_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
LT1399 LINER-LT1399_15 Datasheet
436Kb / 16P
   Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com