Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F080 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EN29F080
Description  8 Megabit (1024K x 8-bit) Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F080 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EN29F080 Datasheet HTML 1Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F080 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
5
EN29F080
Rev. C, Issue Date: 2001/07/05
TABLE 3. OPERATING MODES
8M FLASH USER MODE TABLE
CE
WE
OE
A9
A8
A6
A1
A0
Ax/y
DQ(0-7)
USER MODE
STANDBY
H
X
X
X
X
X
X
X
X
HI-Z
READ
L
H
L
A9
A8
A6
A1
A0
Ax/y
DQ(0-7)
OUTPUT DISABLE
L
H
H
A9
A8
A6
A1
A0
Ax/y
HI-Z
READ
MANUFACTURE ID
L
H
L
VID
L/H
L
L
L
X
MANUFACTURE
ID
READ DEVICE ID
L
H
L
VID
L/H
L
L
H
X
DEVICE ID(T/B)
VERIFY SECTOR
PROTECT
L
H
L
VID
X
L
H
L
X
CODE
ENABLE SECTOR
PROTECT
L
L
VID
VID
X
L
X
X
X
X
SECTOR UNPROTECT
L
L
VID
VID
X
H
H
L
X
X
WRITE
L
L
H
A9
A8
A6
A1
A0
Ax/y
DIN(0-7)
TEMPORARY SECTOR
UNPROTECT
X
X
X
X
X
X
X
X
X
X
NOTES:
1)
L = VIL, H = VIH, VID = 11.5V
± 0.5V
2)
X = Don’t care, either VIH or VIL
TABLE 4. DEVICE IDENTIFICTION
8M FLASH MANUFACTURER/DEVICE ID TABLE
A8
A6
A1
A0
DQ(7-0)
HEX
READ CONTINUATION
MANUFACTURER ID
L
L
L
L
MANUFACTURER ID
7F
READ
MANUFACTURER ID
H
L
L
L
MANUFACTURER ID
1C
READ CONTINUATION
DEVICE ID
L
L
L
H
DEVICE ID
7F
READ DEVICE ID
H
L
L
H
DEVICE ID
08


Similar Part No. - EN29F080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN29F002 ETC-EN29F002 Datasheet
267Kb / 32P
   2 Megabit (256K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F080

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
EN29SL160 EON-EN29SL160 Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29LV160B EON-EN29LV160B Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
ON Semiconductor
ENA2287 ONSEMI-ENA2287 Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
logo
List of Unclassifed Man...
EN29F800 ETC-EN29F800 Datasheet
221Kb / 38P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
logo
Eon Silicon Solution In...
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com