Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5396ACS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5396ACS
Description  Triple 400MHz Fixed Gain Amplifier with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5396ACS Datasheet(HTML) 3 Page - Intersil Corporation

  EL5396ACS Datasheet HTML 1Page - Intersil Corporation EL5396ACS Datasheet HTML 2Page - Intersil Corporation EL5396ACS Datasheet HTML 3Page - Intersil Corporation EL5396ACS Datasheet HTML 4Page - Intersil Corporation EL5396ACS Datasheet HTML 5Page - Intersil Corporation EL5396ACS Datasheet HTML 6Page - Intersil Corporation EL5396ACS Datasheet HTML 7Page - Intersil Corporation EL5396ACS Datasheet HTML 8Page - Intersil Corporation EL5396ACS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
IIHCE
CE pin Input High Current
CE = VS+0.8
6
µA
IILCE
CE pin Input Low Current
CE = VS-0
-0.1
µA
VIHCE
CE pin Input High Voltage for Power
Down
VS+ 1
V
VILCE
CE pin Input Low Voltage for Power Up
VS+ -3
V
SUPPLY
ISON
Supply Current - Enabled (per amplifier) No load, VIN = 0V, CE = -5V
8
9
11
mA
ISOFF
Supply Current - Disabled (per
amplifier)
No load, VIN = 0V, CE = +4.5V
100
150
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±4.75V to ±5.25V
55
75
dB
-IPSR
- Input Current Power Supply Rejection DC, VS = ±4.75V to ±5.25V
-2
2
µA/V
NOTES:
1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.58MHz
2. Measured from the application of CE logic signal until the output voltage is at the 50% point between initial and final values
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 150Ω, TA = 25°C unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL5396A


Similar Part No. - EL5396ACS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5396ACS RENESAS-EL5396ACS Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
EL5396ACS-T13 RENESAS-EL5396ACS-T13 Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
EL5396ACS-T7 RENESAS-EL5396ACS-T7 Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
More results

Similar Description - EL5396ACS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Elantec Semiconductor
EL5196C ELANTEC-EL5196C Datasheet
292Kb / 14P
   Single 400MHz Fixed Gain Amplifier
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com