Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1399-35ZC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1399-35ZC
Description  32K x 8 3.3V Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399-35ZC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1399-35ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1399-35ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1399-35ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1399-35ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1399-35ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1399-35ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1399-35ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1399-35ZC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY7C1399
3
Electrical Characteristics Over the Operating Range(continued)
7C1399–25
7C1399–35
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –2.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
+0.3V
2.2
VCC
+0.3V
V
VIL
Input LOW Voltage
–0.3
0.8
–0.3
0.8
V
IIX
Input Load Current
–1
+1
–1
+1
µA
IOZ
Output Leakage Current
GND
≤ V
I ≤ VCC,
Output Disabled
–5
+5
–5
+5
µA
IOS
Output Short Circuit
Current[2]
VCC = Max., VOUT = GND
–300
–300
mA
ICC
VCC Operating
Supply Current
VCC = Max., IOUT = 0 mA,
f = fMAX = 1/tRC
45
40
mA
ISB1
Automatic CE Power-Down
Current — TTL Inputs
Max. VCC, CE ≥ VIH,
VIN ≥ VIH, or VIN ≤ VIL,
f = fMAX
5
5
mA
L
3
3
mA
ISB2
Automatic CE Power-Down
Current — CMOS Inputs[3]
Max. VCC, CE ≥ VCC–0.3V, VIN
VCC – 0.3V, or VIN ≤ 0.3V,
WE
≥V
CC–0.3V or WE≤ 0.3V,
f=fMAX
500
500
µA
L
50
50
µA
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN: Addresses
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 3.3V
5
pF
CIN: Controls
6
pF
COUT
Output Capacitance
6
pF
AC Test Loads and Waveforms
Note:
4.
Tested initially and after any design or process changes that may affect these parameters.
3.0V
3.3V
OUTPUT
R1 317
R2
351
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
OUTPUT
1.73V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
C1399–4
167


Similar Part No. - CY7C1399-35ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-10VC CYPRESS-CY7C1399B-10VC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-10ZC CYPRESS-CY7C1399B-10ZC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-12VC CYPRESS-CY7C1399B-12VC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-12VC CYPRESS-CY7C1399B-12VC Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
More results

Similar Description - CY7C1399-35ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
logo
List of Unclassifed Man...
WCFS0808V1E ETC1-WCFS0808V1E Datasheet
313Kb / 10P
   32K x 8 3.3V Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com