Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2761BE Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2761BE
Description  High-Precision Li Battery Monitor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2761BE Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2761BE Datasheet HTML 2Page - Dallas Semiconductor DS2761BE Datasheet HTML 3Page - Dallas Semiconductor DS2761BE Datasheet HTML 4Page - Dallas Semiconductor DS2761BE Datasheet HTML 5Page - Dallas Semiconductor DS2761BE Datasheet HTML 6Page - Dallas Semiconductor DS2761BE Datasheet HTML 7Page - Dallas Semiconductor DS2761BE Datasheet HTML 8Page - Dallas Semiconductor DS2761BE Datasheet HTML 9Page - Dallas Semiconductor DS2761BE Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DS2761
6 of 24
POWER MODES
The DS2761 has two power modes: active and sleep. While in active mode, the DS2761 continually
measures current, voltage, and temperature to provide data to the host system and to support current
accumulation and Li+ safety monitoring. In sleep mode, the DS2761 ceases these activities. The DS2761
enters sleep mode when any of the following conditions occurs:
§ The PMOD bit in the Status Register has been set to 1 and the DQ line is low for longer than
2s (pack disconnection)
§ The voltage on VIN drops below undervoltage threshold VUV for tUVD (cell depletion)
§ The pack is disabled through the issuance of a SWAP command (SWEN bit = 1)
The DS2761 returns to active mode when any of the following occurs:
§ The PMOD bit has been set to 1 and the SWEN bit is set to 0 and the DQ line is pulled high
(pack connection)
§ The PS pin is pulled low (power switch)
§ The voltage on PLS becomes greater than the voltage on VIN (charger connection) with the SWEN bit
set to 0
§ The pack is enabled through the issuance of a SWAP command (SWEN bit = 1)
The DS2761 defaults to sleep mode when power is first applied.
Li+ PROTECTION CIRCUITRY
During active mode, the DS2761 constantly monitors cell voltage and current to protect the battery from
overcharge (overvoltage), overdischarge (undervoltage), and excessive charge and discharge currents
(overcurrent, short circuit). Conditions and DS2761 responses are described in the sections below and
summarized in Table 2 and Figure 3.
Table 2. Li+ PROTECTION CONDITIONS AND DS2761 RESPONSES
ACTIVATION
CONDITION
NAME
THRESHOLD DELAY
RESPONSE
RELEASE
THRESHOLD
Overvoltage
VIN > VOV
tOVD
CC high
VIN < VCE, or
VIS ≤ -2mV
Undervoltage
VIN < VUV
tUVD
CC , DC high,
Sleep Mode
VPLS > VDD
(1)
(charger connected)
Overcurrent, Charge
VIS > VOC
(2)
tOCD
CC , DC high
VPLS < VDD - VTP
(3)
Overcurrent, Discharge
VIS < -VOC
(2)
tOCD
DC high
VPLS > VDD - VTP
(4)
Short Circuit
VSNS > VSC
tSCD
DC high
VPLS > VDD - VTP
(4)
VIS = VIS1 - VIS2. Logic high = VPLS for CC and VDD for DC . All voltages are with respect to VSS. ISNS references current
delivered from pin SNS.
1) If VDD < 2.2V, release is delayed until the recovery charge current (IRC) passed from PLS to VDD charges the battery and
allows VDD to exceed 2.2V.
2) For the internal sense resistor configuration, the overcurrent thresholds are expressed in terms of current: ISNS > IOC for
charge direction and ISNS < -IOC for discharge direction
3) With test current ITST flowing from PLS to VSS (pulldown on PLS)
4) With test current ITST flowing from VDD to PLS (pullup on PLS)
Overvoltage. If the cell voltage on VIN exceeds the overvoltage threshold, VOV, for a period longer than
overvoltage delay, tOVD, the DS2761 shuts off the external charge FET and sets the OV flag in the
protection register. When the cell voltage falls below charge enable threshold VCE, the DS2761 turns the


Similar Part No. - DS2761BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2761BE MAXIM-DS2761BE Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
DS2761BE++ MAXIM-DS2761BE+ Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
DS2761BE+025 MAXIM-DS2761BE+025 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
DS2761BE+025/T&R MAXIM-DS2761BE+025/T&R Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
DS2761BE+T&R MAXIM-DS2761BE+T&R Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
More results

Similar Description - DS2761BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
Sciosense B.V.
BCM1 SCIOSENSE-BCM1 Datasheet
2Mb / 2P
   Battery Condition Monitor for Li-Ion batteries
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com