Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E28F400BV-B80 Datasheet(PDF) 9 Page - Intel Corporation

Part # E28F400BV-B80
Description  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E28F400BV-B80 Datasheet(HTML) 9 Page - Intel Corporation

Back Button E28F400BV-B80 Datasheet HTML 5Page - Intel Corporation E28F400BV-B80 Datasheet HTML 6Page - Intel Corporation E28F400BV-B80 Datasheet HTML 7Page - Intel Corporation E28F400BV-B80 Datasheet HTML 8Page - Intel Corporation E28F400BV-B80 Datasheet HTML 9Page - Intel Corporation E28F400BV-B80 Datasheet HTML 10Page - Intel Corporation E28F400BV-B80 Datasheet HTML 11Page - Intel Corporation E28F400BV-B80 Datasheet HTML 12Page - Intel Corporation E28F400BV-B80 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
E
2-MBIT SmartVoltage BOOT BLOCK FAMILY
9
SEE NEW DESIGN RECOMMENDATIONS
28F002B
Boot Block
40-Lead TSOP
10 mm x 20 mm
TOP VIEW
32
31
30
29
28
27
26
25
24
23
22
21
33
34
35
36
37
38
39
40
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
A1
A2
A3
RP#
WE#
VPP
A16
A15
A7
A6
A5
A4
A14
A13
A8
A9
A11
A12
WP#
DQ7
CE#
OE#
GND
A0
DQ6
DQ5
DQ4
DQ2
DQ1
DQ0
VCC
DQ3
A17
GND
NC
A10
NC
NC
NC
28F004B
28F004B
A1
A2
A3
RP#
WE#
VPP
A16
A15
A7
A6
A5
A4
A14
A13
A8
A9
A11
A12
WP#
A18
DQ7
CE#
OE#
GND
A0
DQ6
DQ5
DQ4
DQ2
DQ1
DQ0
VCC
DQ3
A17
GND
NC
A10
NC
NC
VCC
VCC
28F008B
DQ7
CE#
OE#
GND
A0
DQ6
DQ5
DQ4
DQ2
DQ1
DQ0
VCC
DQ3
A17
GND
NC
A10
NC
VCC
28F008B
A1
A2
A3
RP#
WE#
VPP
A16
A15
A7
A6
A5
A4
A14
A13
A8
A9
A11
A12
WP#
A18
A 19
0530_03
Figure 3. The 40-Lead TSOP Offers the Smallest Form Factor for Space-Constrained Applications
PA28F200
BOOT BLOCK
44-Lead PSOP
0.525" x 1.110"
TOP VIEW
GND
WE#
RP#
BYTE#
A 8
A 9
A 11
A 12
A 13
A 14
A 16
DQ7
DQ14
DQ6
DQ13
DQ12
DQ4
VCC
DQ5
A 10
A
15
32
31
30
29
28
27
26
25
24
23
33
34
35
36
37
38
39
40
41
42
43
44
CE#
WP#
GND
OE#
A 7
A 5
A 6
A 4
A 3
A 2
A 1
A 0
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
22
21
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
VPP
NC
CE#
WP#
GND
OE#
A 7
A 5
A6
A4
A 3
A 2
A 1
A 0
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
VPP
GND
WE#
RP#
BYTE#
A 8
A 9
A 11
A 12
A 13
A 14
A 16
DQ7
DQ14
DQ6
DQ13
DQ12
DQ4
VCC
DQ5
A 10
A
15
28F400
28F400
DQ
15
-1
/A
DQ
15
-1
/A
CE#
GND
OE#
A 7
A 5
A 6
A 4
A 3
A 2
A 1
A 0
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
DQ3
DQ11
VPP
28F800
GND
WE#
RP#
BYTE#
A 8
A 9
A 11
A 12
A 13
A 14
A 16
DQ7
DQ14
DQ6
DQ13
DQ12
DQ4
VCC
DQ5
A 10
A
15
28F800
DQ
15
-1
/A
A 17
A17
A 18
0530_04
NOTE: Pin 2 is WP# on 2- and 4-Mbit devices but A18 on the 8-Mbit because no other pins were available for the high order
address. Thus, the 8-Mbit in the 44-lead PSOP cannot unlock the boot block without RP# = VHH (12 V). To allow upgrades to
the 8 Mbit from 2/2 Mbit in this package, design pin 2 to control WP# at the 2/4 Mbit level and A18 at the 8-Mbit density. See
Section 3.4 for details.
Figure 4. The 44-Lead PSOP Offers a Convenient Upgrade from JEDEC ROM Standards


Similar Part No. - E28F400BV-B80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E28F400BVB60 INTEL-E28F400BVB60 Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
E28F400BVB80 INTEL-E28F400BVB80 Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
E28F400BVT60 INTEL-E28F400BVT60 Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
E28F400BVT80 INTEL-E28F400BVT80 Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - E28F400BV-B80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Sharp Corporation
LH28F002SCH SHARP-LH28F002SCH Datasheet
3Mb / 43P
   2-MBIT(256KBx8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
IS28F004BLV ISSI-IS28F004BLV Datasheet
1Mb / 39P
   524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
Intel Corporation
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com