Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYP15G0201DXB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYP15G0201DXB
Description  Dual-channel HOTLink II Transceiver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0201DXB Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYP15G0201DXB Datasheet HTML 3Page - Cypress Semiconductor CYP15G0201DXB Datasheet HTML 4Page - Cypress Semiconductor CYP15G0201DXB Datasheet HTML 5Page - Cypress Semiconductor CYP15G0201DXB Datasheet HTML 6Page - Cypress Semiconductor CYP15G0201DXB Datasheet HTML 7Page - Cypress Semiconductor CYP15G0201DXB Datasheet HTML 8Page - Cypress Semiconductor CYP15G0201DXB Datasheet HTML 9Page - Cypress Semiconductor CYP15G0201DXB Datasheet HTML 10Page - Cypress Semiconductor CYP15G0201DXB Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
CYP15G0201DXB
CYV15G0201DXB
Document #: 38-02058 Rev. *G
Page 7 of 46
SCSEL
LVTTL Input,
synchronous,
internal pull-down,
sampled by
TXCLKA
or REFCLK
[4]
Special Character Select. Used in some transmit modes along with TXCTx[1:0] to encode
special characters or to initiate a Word Sync Sequence. When the transmit paths are
configured for independent inputs clocks (TXCKSEL = MID), SCSEL is captured relative to
TXCLKA
↑.
TXOPA
TXOPB
LVTTL Input,
synchronous,
internal pull-up,
sampled by the
respective TXCLKx
or REFCLK
[4]
Transmit Path Odd Parity. When parity checking is enabled (PARCTL
≠ LOW), the parity
captured at these inputs is XORed with the data on the associated transmit data TXDx bus
to verify the integrity of the captured character.
Transmit Path Clock and Clock Control
TXCKSEL
3-Level Select[5]
Static Control Input
Transmit Clock Select. Selects the clock source, used to write data into the Transmit Input
Register, of the transmit channel(s).
When LOW, both Input Registers are clocked by REFCLK
[4]. When MID, TXCLKx↑ is used
as the Input Register clock for TXDx[7:0] and TXCTx[1:0]. When HIGH, TXCLKA
↑ is used
to clock data into the Input Register of each channel.
When TXCKSEL = MID or HIGH (TXCLKx or TXCLKA selected to clock input register),
configuring TXRATE = HIGH (Half-rate REFCLK) is an invalid mode of operation.
TXRATE
LVTTL Input,
Static Control input,
internal pull-down
Transmit PLL Clock Rate Select. When TXRATE = HIGH, the Transmit PLL multiplies
REFCLK by 20 to generate the serial symbol-rate clock. When TXRATE = LOW, the transmit
PLL multiples REFCLK by 10 to generate the serial symbol-rate clock. See Table 10 for a
list of operating serial rates.
When REFCLK is selected to clock the receive parallel interfaces (RXCKSEL = LOW), the
TXRATE input also determines if the clocks on the RXCLKA
± and RXCLKC± outputs are
full or half-rate. When TXRATE = HIGH (REFCLK is half-rate), the RXCLKA± and RXCLKC±
output clocks are also half-rate clocks and follow the frequency and duty cycle of the
REFCLK input. When TXRATE = LOW (REFCLK is full-rate), the RXCLKA± and RXCLKC±
output clocks are full-rate clocks and follow the frequency and duty cycle of the REFCLK
input.
When TXCKSEL = MID or HIGH (TXCLKx or TXCLKA selected to clock input register),
configuring TXRATE = HIGH (Half-rate REFCLK) is an invalid mode of operation.
TXCLKO±
LVTTL Output
Transmit Clock Output. This true and complement output clock is synthesized by the
transmit PLL and operates synchronous to the internal transmit character clock. It operates
at either the same frequency as REFCLK (when TXRATE = LOW), or at twice the frequency
of REFCLK (when TXRATE = HIGH). This output clock has no direct phase relationship to
REFCLK.
TXCLKA
TXCLKB
LVTTL Clock Input,
internal pull-down
Transmit Path Input Clocks. These clocks must be frequency-coherent to TXCLKO±, but
may be offset in phase. The internal operating phase of each input clock (relative to
REFLCK or TXCLKO±) is adjusted when TXRST = LOW and locked when TXRST =HIGH.
Transmit Path Mode Control
TXMODE[1:0] 3-Level Select[5]
Static Control inputs
Transmit Operating Mode. These inputs are interpreted to select one of nine operating
modes of the transmit path. See Table 3 for a list of operating modes.
Receive Path Data Signals
RXDA[7:0]
RXDB[7:0]
LVTTL Output,
synchronous to the
selected RXCLKx
output or
REFCLK
[4] input
Parallel Data Output. These outputs change following the rising edge of the selected
receive interface clock.
When the Decoder is enabled (DECMODE = HIGH or MID), these outputs represent either
received data or special characters. The status of the received data is represented by the
values of RXSTx[2:0]. When the Decoder is bypassed (DECMODE = LOW), RXDx[7:0]
become the higher order bits of the 10-bit received character. See Table 16 for details.
Note:
5.
3-Level select inputs are used for static configuration. They are ternary (not binary) inputs that make use of non-standard logic levels of LOW, MID, and HIGH.
The LOW level is usually implemented by direct connection to VSS (ground). The HIGH level is usually implemented by direct connection to VCC (power). When
not connected or allowed to float, a 3-Level select input will self-bias to the MID level.
Pin Descriptions CYP(V)15G0201DXB Dual HOTLink II Transceiver (continued)
Pin Name
I/O Characteristics
Signal Description


Similar Part No. - CYP15G0201DXB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0201DXB CYPRESS-CYP15G0201DXB Datasheet
656Kb / 46P
   Dual-channel HOTLink II??Transceiver
CYP15G0201DXB-BBC CYPRESS-CYP15G0201DXB-BBC Datasheet
656Kb / 46P
   Dual-channel HOTLink II??Transceiver
CYP15G0201DXB-BBI CYPRESS-CYP15G0201DXB-BBI Datasheet
656Kb / 46P
   Dual-channel HOTLink II??Transceiver
CYP15G0201DXB-BBXC CYPRESS-CYP15G0201DXB-BBXC Datasheet
656Kb / 46P
   Dual-channel HOTLink II??Transceiver
CYP15G0201DXB-BBXI CYPRESS-CYP15G0201DXB-BBXI Datasheet
656Kb / 46P
   Dual-channel HOTLink II??Transceiver
More results

Similar Description - CYP15G0201DXB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0201DXB CYPRESS-CYP15G0201DXB_05 Datasheet
656Kb / 46P
   Dual-channel HOTLink II??Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB Datasheet
445Kb / 39P
   Single-channel HOTLink II??Transceiver
CYP15G0101DXB CYPRESS-CYP15G0101DXB_12 Datasheet
519Kb / 43P
   Single-channel HOTLink II??Transceiver
CYP15G0101DXA CYPRESS-CYP15G0101DXA Datasheet
510Kb / 40P
   Single Channel HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB Datasheet
4Mb / 53P
   Quad HOTLink II Transceiver
CYP15G0401DXA CYPRESS-CYP15G0401DXA Datasheet
1Mb / 48P
   Quad HOTLink II Transceiver
CYP15G0401DXB CYPRESS-CYP15G0401DXB_05 Datasheet
571Kb / 53P
   Quad HOTLink II??Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYP15G0101 CYPRESS-CYP15G0101 Datasheet
457Kb / 39P
   Single-channel HOTLink Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com