Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29466-24PVXIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C29466-24PVXIT
Description  Mixed Signal Array
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29466-24PVXIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C29466-24PVXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C29466-24PVXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C29466-24PVXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C29466-24PVXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C29466-24PVXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C29466-24PVXIT Datasheet HTML 10Page - Cypress Semiconductor CY8C29466-24PVXIT Datasheet HTML 11Page - Cypress Semiconductor CY8C29466-24PVXIT Datasheet HTML 12Page - Cypress Semiconductor CY8C29466-24PVXIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
August 3, 2004
Document No. 38-12013 Rev. *F
9
CY8C29x66 Preliminary Data Sheet
1. Pin Information
1.1.2
44-Pin Part Pinout
Table 1-2. 44-Pin Part Pinout (TQFP)
Pin
No.
Type
Pin
Name
Description
CY8C29566 44-Pin PSoC Device
Digital
Analog
1
IO
P2[5]
2
IO
I
P2[3]
Direct switched capacitor block input.
3
IO
I
P2[1]
Direct switched capacitor block input.
4
IO
P4[7]
5
IO
P4[5]
6
IO
P4[3]
7
IO
P4[1]
8
Power
SMP
Switch Mode Pump (SMP) connection to
external components required.
9
IO
P3[7]
10
IO
P3[5]
11
IO
P3[3]
12
IO
P3[1]
13
IO
P1[7]
I2C Serial Clock (SCL)
14
IO
P1[5]
I2C Serial Data (SDA)
15
IO
P1[3]
16
IO
P1[1]
Crystal (XTALin), I2C Serial Clock (SCL)
17
Power
Vss
Ground connection.
18
IO
P1[0]
Crystal (XTALout), I2C Serial Data (SDA)
19
IO
P1[2]
20
IO
P1[4]
Optional External Clock Input (EXTCLK)
21
IO
P1[6]
22
IO
P3[0]
23
IO
P3[2]
24
IO
P3[4]
25
IO
P3[6]
26
Input
XRES
Active high external reset with internal pull
down.
27
IO
P4[0]
28
IO
P4[2]
29
IO
P4[4]
30
IO
P4[6]
31
IO
I
P2[0]
Direct switched capacitor block input.
32
IO
I
P2[2]
Direct switched capacitor block input.
33
IO
P2[4]
External Analog Ground (AGND)
34
IO
P2[6]
External Voltage Reference (VREF)
35
IO
I
P0[0]
Analog column mux input.
36
IO
IO
P0[2]
Analog column mux input and column output.
37
IO
IO
P0[4]
Analog column mux input and column output.
38
IO
I
P0[6]
Analog column mux input.
39
Power
Vdd
Supply voltage.
40
IO
I
P0[7]
Analog column mux input.
41
IO
IO
P0[5]
Analog column mux input and column output.
42
IO
IO
P0[3]
Analog column mux input and column output.
43
IO
I
P0[1]
Analog column mux input.
44
IO
P2[7]
LEGEND: A = Analog, I = Input, and O = Output.
TQFP
P2[5]
P2[4], External AGND
AI, P2[3]
P2[2], AI
AI, P2[1]
P2[0], AI
P4[7]
P4[6]
P4[5]
P4[4]
P4[3]
P4[2]
P4[1]
P4[0]
SMP
XRES
P3[7]
P3[6]
P3[5]
P3[4]
P3[3]
P3[2]
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11


Similar Part No. - CY8C29466-24PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29466-24PVXIT CYPRESS-CY8C29466-24PVXIT Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C29466-24PVXIT CYPRESS-CY8C29466-24PVXIT Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C29466-24PVXIT CYPRESS-CY8C29466-24PVXIT Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C29466-24PVXIT CYPRESS-CY8C29466-24PVXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C29466-24PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C21534 CYPRESS-CY8C21534 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
logo
Renesas Technology Corp
SLG46120 RENESAS-SLG46120 Datasheet
4Mb / 97P
   Programmable Mixed Signal Array
March 10, 2023
logo
Cypress Semiconductor
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com