Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9334-400JC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7B9334-400JC
Description  SMPTE HOTLink Transmitter/Receiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9334-400JC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7B9334-400JC Datasheet HTML 1Page - Cypress Semiconductor CY7B9334-400JC Datasheet HTML 2Page - Cypress Semiconductor CY7B9334-400JC Datasheet HTML 3Page - Cypress Semiconductor CY7B9334-400JC Datasheet HTML 4Page - Cypress Semiconductor CY7B9334-400JC Datasheet HTML 5Page - Cypress Semiconductor CY7B9334-400JC Datasheet HTML 6Page - Cypress Semiconductor CY7B9334-400JC Datasheet HTML 7Page - Cypress Semiconductor CY7B9334-400JC Datasheet HTML 8Page - Cypress Semiconductor CY7B9334-400JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
CY7B9234
CY7B9334
Document #: 38-02014 Rev. *A
Page 2 of 32
Figure 1. SMPTE HOTLink System Connections
HOST
SERIAL LINK
HOST
CY7B9234 Transmitter Pin Configuration
43
1
2
28
8
9
7
6
5
22
21
23
24
25
1213
15
14
16
PLCC
Top View
10
11
20
19
2726
1718
FOTO
ENN
ENA
VCCQ
CKW
GND
SC/D(D a)
BISTEN
GND
MODE
RP
VCCQ
SVS(D j)
(Dh)D 7
7B9234
CY7B9334 Receiver Pin Configuration
SC/D (Qa)
43
1
2
28
8
9
7
6
5
22
21
23
24
25
1213
15
14
16
PLCC
Top View
10
11
20
19
2726
1718
REFCLK
VCCQ
SO
CKR
VCCQ
GND
RF
GND
RDY
GND
VCCN
RVS (Qj)
(Qh)Q7
7B9334
Pin Description
CY7B9234 SMPTE HOTLink Transmitter
Name
I/O
Description
D0−7
(Db − h)
TTL In
Parallel Data Input. Data is clocked into the Transmitter on the rising edge of CKW if ENA is LOW
(or on the next rising CKW with ENN LOW). If ENA and ENN are HIGH, a Null character (K28.5) is
sent. When MODE is HIGH, D0, 1, ...7 become Db, c,...h respectively.
SC/D (Da)
TTL In
Special Character/Data Select. A HIGH on SC/D when CKW rises causes the transmitter to encode
the pattern on D0−7 as a control code (Special Character), while a LOW causes the data to be coded
using the 8B/10B data alphabet. When MODE is HIGH, SC/D (Da) acts as Da input. SC/D has the
same timing as D0−7.
SVS
(Dj)
TTL In
Send Violation Symbol. If SVS is HIGH when CKW rises, a Violation symbol is encoded and sent
while the data on the parallel inputs is ignored. If SVS is LOW, the state of D0−7 and SC/D determines
the code sent. In normal or test mode, this pin overrides the BIST generator and forces the trans-
mission of a Violation code. When MODE is HIGH (placing the transmitter in unencoded mode), SVS
(Dj) acts as the Dj input. SVS has the same timing as D0−7.
ENA
TTL In
Enable Parallel Data. If ENA is LOW on the rising edge of CKW, the data is loaded, encoded, and
sent. If ENA and ENN are HIGH, the data inputs are ignored and the Transmitter will insert a Null
character (K28.5) to fill the space between user data. ENA may be held HIGH/LOW continuously or
it may be pulsed with each data byte to be sent. If ENA is being used for data control, ENN will normally
be strapped HIGH, but can be used for BIST function control.


Similar Part No. - CY7B9334-400JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9334 CYPRESS-CY7B9334 Datasheet
777Kb / 34P
   SMPTE HOTLink??Transmitter/Receiver
More results

Similar Description - CY7B9334-400JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9234 CYPRESS-CY7B9234_07 Datasheet
777Kb / 34P
   SMPTE HOTLink??Transmitter/Receiver
CY24130 CYPRESS-CY24130 Datasheet
127Kb / 5P
   HOTLink SMPTE Receiver Training Clock
CY7B923 CYPRESS-CY7B923_05 Datasheet
805Kb / 33P
   HOTLink Transmitter/Receiver
CY7B923 CYPRESS-CY7B923 Datasheet
629Kb / 35P
   HOTLink??Transmitter/Receiver
CY24130 CYPRESS-CY24130_08 Datasheet
214Kb / 6P
   HOTLink II??SMPTE Receiver Training Clock
CYP15G0401TB CYPRESS-CYP15G0401TB Datasheet
286Kb / 30P
   Quad HOTLink II??Transmitter
CYP15G0401RB CYPRESS-CYP15G0401RB Datasheet
316Kb / 35P
   Quad HOTLink II??Receiver
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com