Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CV210-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CV210-1
Description  Cellular-band Dual-Branch Downconverter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CV210-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CV210-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CV210-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers CV210-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document contains information on a new product.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
May 2002
The Communications Edge TM
Preliminary Information
CV210-1
Cellular-band Dual-Branch Downconverter
Product Features
High dynamic range downconverter
with integrated LO driver and IF
amplifiers
Dual channels for diversity
+27 dBm Input IP3
+12 dBm Input P1dB
11.5 dB Noise Figure
RF: 806 - 915 MHz
IF: 70 - 120 MHz
Low-side LO downconverter
Single supply operation (+5 V)
6 x 6 mm QFN SMT package
Product Description
The CV210-1 is a dual-channel high-linearity
downconverter
designed
to
meet
the
performance, functionality, and cost goals of
current and next generation mobile infrastructure
basestations.
It is ideally suited for high dynamic range
receiver front ends using diversity receive
channels. The module is implemented in reliable
GaAs MESFET technology and requires only a
small 6x6 mm footprint.
Typical
applications
include
frequency
downconversion used in CDMA/GSM/TDMA,
CDMA2000, W-CDMA, and EDGE 2.5G and
3G mobile base transceiver stations.
Functional Diagram
Top View
Specifications1
Parameters
Units
Minimum
Typical
Maximum
Comments
RF Frequency Range
MHz
806
915
LO Frequency Range
MHz
730
795
IF Frequency Range
MHz
70
120
IF Bandwidth
%
20
SSB Conversion Gain
dB
8
10
12
Input IP3
dBm
+27
∆f = 1 MHz @ RFin = 0 dBm / tone
Input IP2
dBm
+32
Input 1 dB Compression Point
dBm
+12
Noise Figure
dB
11.5
12.5
LO Input Drive Level
dBm
-2.5
0
+2.5
LO-RF Isolation
dB
9
PLO = 0 dBm
LO-IF Isolation
dB
30
PLO = 0 dBm
Branch-Branch Isolation
dB
35
Return Loss: RF Port
dB
14
Return Loss: LO Port
dB
14
Return Loss: IF Port
dB
14
Operating Supply Voltage
V
+4.75
+5
+5.25
Supply Current
mA
380
460
1 Specifications when using application specific circuit with a low side LO = 0 dBm in a downconverting application at 25°C.
Absolute Maximum Rating2
Ordering Information
Parameters
Rating
Part No.
Description
Operating Case Temperature
-40° to +85
°C
CV210-1
Cellular-band Dual-Branch Downconverter
Storage Temperature
-65° to +100 °C
Maximum Junction Temperature
+150 °C
2 Operation of this device above any of these parameters may cause permanent damage.
CV
Actual Size
8
23
1
17
IF amp
25
27
LO driver amp
IF
RF
7
9
11
13
IF
IF amp
RF
+
Vcc
21


Similar Part No. - CV210-1

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV210-1AF WJCI-CV210-1AF Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV210-1APCB75 WJCI-CV210-1APCB75 Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
More results

Similar Description - CV210-1

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
   Cellular-band Single-Branch Downconverter
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
   PCS/DCS-band Dual-Branch Downconverter
CV211-2A WJCI-CV211-2A_07 Datasheet
399Kb / 9P
   UMTS/WiMax-band Dual-Branch Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com