Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV8017FIG70 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616LV8017FIG70
Description  Very Low Power/Voltage CMOS SRAM 512K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8017FIG70 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616LV8017FIG70 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV8017FIG70 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV8017FIG70 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8017FIG70 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8017FIG70 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8017FIG70 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8017FIG70 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8017FIG70 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8017FIG70 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Revision 2.1
Jan.
2004
1
R0201-BS616LV8017
Very Low Power/Voltage CMOS SRAM
512K X 16 bit
(Single CE Pin)
The BS616LV8017 is a high performance, very low power CMOS Static
Random Access Memory organized as 524,288 words by 16 bits and
operates from a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current
of 1.5uA at 3V/25oC and maximum access time of 55ns at 3.0V/85oC.
Easy memory expansion is provided by an active LOW chip enable (CE)
,active LOW output enable(OE) and three-state output drivers.
The BS616LV8017 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS616LV8017 is available in 48B BGA and 44L TSOP2 packages.
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor, Inc. reserves the right to modify document contents without notice.
BS616LV8017
1
5
LB
OE
A0
A1
A2
NC
D8
UB
A3
A4
CE
D0
D9
D10
A5
A6
D1
D2
V SS
D11
A17
A7
D3
VCC
V CC
D12
A16
D4
V SS
D14
D13
A 14
A 5
D5
D6
D15
NC
.
A12
A13
WE
D7
A8
A 8
A9
A10
A 11
NC
1
A
B
C
D
E
F
G
H
1
23
4
6
VSS
• Wide Vcc operation voltage : 2.4~5.5V
• Very low power consumption :
Vcc = 3.0V C-grade: 30mA (@55ns) operating current
I -grade: 31mA (@55ns) operating current
C-grade: 24mA (@70ns) operating current
I -grade: 25mA (@70ns) operating current
1.5uA (Typ.) CMOS standby current
Vcc = 5.0V C-grade: 75mA (@55ns) operating current
I -grade: 76mA (@55ns) operating current
C-grade: 60mA (@70ns) operating current
I -grade: 61mA (@70ns) operating current
8.0uA (Typ.) CMOS standby current
• High speed access time :
-55
55ns
-70
70ns
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
Row
Decoder
Memory Array
2048 x 4096
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
A9 A8 A7
Data
Buffer
Input
Control
Vss
Vcc
OE
WE
CE
D15
D0
A0
A13
A14
A15
A1
A2
16
16
16
16
16
256
4096
2048
22
A17
A16
A10
A12
A6
A11
A3
Address
Input
Buffer
A5
Address Input Buffer
.
.
.
.
UB
.
.
.
.
LB
A4
A18
48-Ball CSP top View
BSI
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
• I/O Configuration x8/x16 selectable by LB and UB pin
POWER DISSIPATION
SPEED
( ns )
STANDBY
( ICCSB1, Max )
Operating
( ICC , Max )
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=3V
Vcc=5V
Vcc=3V
Vcc=5V
PKG TYPE
BS616LV8017EC
TSOP2-44
BS616LV8017FC
+0 OC to +70OC
2.4V ~ 5.5V
55 / 70
5uA
55uA
24mA
60mA
BGA-48-0912
BS616LV8017EI
TSOP2-44
BS616LV8017FI
-40OC to +85OC
2.4V ~ 5.5V
55 / 70
10uA
110uA
25mA
61mA
BGA-48-0912
70ns
70ns
55ns : 3.0~5.5V
70ns : 2.7~5.5V
A4
A3
A2
A1
A0
CE
DQ0
DQ1
DQ2
DQ3
Vcc
Vss
DQ4
DQ5
DQ6
DQ7
WE
A18
A17
A16
A15
A14
A5
A6
A7
OE
UB
LB
DQ15
DQ14
DQ13
DQ12
Vss
Vcc
DQ11
DQ10
DQ9
DQ8
A8
A9
A10
A11
A12
A13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
BS616LV8017EC
BS616LV8017EI


Similar Part No. - BS616LV8017FIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8017FIG70 BSI-BS616LV8017FIG70 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017FIG70 BSI-BS616LV8017FIG70 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8017FIG70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8015 BSI-BS616LV8015 Datasheet
204Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com