Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL1431BDI-TR Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL1431BDI-TR
Description  Adjustable Precision Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1431BDI-TR Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL1431BDI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL1431BDI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL1431BDI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL1431BDI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL1431BDI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL1431BDI-TR Datasheet HTML 9Page - Anpec Electronics Coropration APL1431BDI-TR Datasheet HTML 10Page - Anpec Electronics Coropration APL1431BDI-TR Datasheet HTML 11Page - Anpec Electronics Coropration APL1431BDI-TR Datasheet HTML 12Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - May., 2003
APL1431
www.anpec.com.tw
11
Carrier Tape & Reel Dimensions
A
J
B
T2
T1
C
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Application
A
B
C
J
T1
T2
W
P
E
178
±1
60
± 1.0
12.0
2.5
± 0.15 9.0 ± 0.5
1.4
8.0+ 0.3
- 0.3
4.0
1.75
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-23
3.5
± 0.05 1.5 +0.1 F0.1MIN
4.0
2.0
± 0.05
3.1
3.0
1.3
0.2
±0.03
Application
A
B
C
J
T1
T2
W
P
E
178
±1
70
± 2 13.5 ± 0.15 3 ± 0.15
14
± 2
1.3
± 0.3
12 + 0.3
12 - 0.1
8
± 0.1
1.75
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-89
5.5
± 0.05 1.5± 0.1
1.5
± 0.1
4.0
± 0.1 2.0 ± 0.1 4.8 ± 0.1
4.5
± 0.1 1.80± 0.1 0.3±0.013
(mm)
R e lia b ility te s t p ro g ra m
Te st ite m
M e th o d
D escrip tio n
SO L D ER A B IL IT Y
M IL -S TD -8 8 3 D -2 0 0 3
24 5
°C , 5 SE C
H O LT
M IL-S T D -8 8 3D -1 00 5 .7
10 00 H rs B ia s @ 1 25
°C
PC T
J ESD -2 2 -B, A1 0 2
1 6 8 Hrs , 1 0 0 % RH , 1 2 1
°C
TST
M IL -S TD -8 8 3 D -10 11 .9
-6 5
°C ~ 1 5 0°C , 20 0 C ycles
E S D
M IL -S T D -88 3 D -3 0 1 5.7
V H B M > 2K V, V M M > 2 0 0V
L a tc h -U p
J E S D 7 8
1 0 m s , I
tr > 1 0 0 m A


Similar Part No. - APL1431BDI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1431L ANPEC-APL1431L Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-PB ANPEC-APL1431LABC-PB Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-PBL ANPEC-APL1431LABC-PBL Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-TB ANPEC-APL1431LABC-TB Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
APL1431LABC-TBL ANPEC-APL1431LABC-TBL Datasheet
97Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - APL1431BDI-TR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com