Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB28F400CV-T60 Datasheet(PDF) 11 Page - Intel Corporation

Part # TB28F400CV-T60
Description  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TB28F400CV-T60 Datasheet(HTML) 11 Page - Intel Corporation

Back Button TB28F400CV-T60 Datasheet HTML 7Page - Intel Corporation TB28F400CV-T60 Datasheet HTML 8Page - Intel Corporation TB28F400CV-T60 Datasheet HTML 9Page - Intel Corporation TB28F400CV-T60 Datasheet HTML 10Page - Intel Corporation TB28F400CV-T60 Datasheet HTML 11Page - Intel Corporation TB28F400CV-T60 Datasheet HTML 12Page - Intel Corporation TB28F400CV-T60 Datasheet HTML 13Page - Intel Corporation TB28F400CV-T60 Datasheet HTML 14Page - Intel Corporation TB28F400CV-T60 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
E
2-MBIT SmartVoltage BOOT BLOCK FAMILY
11
SEE NEW DESIGN RECOMMENDATIONS
1.5
Pin Descriptions
Table 2. 28F200/002 Pin Descriptions
Symbol
Type
Name and Function
A0–A17
INPUT
ADDRESS INPUTS for memory addresses. Addresses are internally latched
during a write cycle. The 28F200 only has A0– A16 pins, while
the 28F002B has A0– A17.
A9
INPUT
ADDRESS INPUT: When A9 is at VHH the signature mode is accessed. During
this mode, A0 decodes between the manufacturer and device IDs. When BYTE#
is at a logic low, only the lower byte of the signatures are read. DQ15/A–1 is a
don’t care in the signature mode when BYTE# is low.
DQ0–DQ7
INPUT/
OUTPUT
DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and WE# cycle
during a Program command. Inputs commands to the Command User Interface
when CE# and WE# are active. Data is internally latched during the write cycle.
Outputs array, Intelligent Identifier and status register data. The data pins float to
tri-state when the chip is de-selected or the outputs are disabled.
DQ8–DQ15
INPUT/
OUTPUT
DATA INPUTS/OUTPUTS: Inputs array data on the second CE# and WE# cycle
during a Program command. Data is internally latched during the write cycle.
Outputs array data. The data pins float to tri-state when the chip is de-selected or
the outputs are disabled as in the byte-wide mode (BYTE# = “0”). In the byte-wide
mode DQ15/A–1 becomes the lowest order address for data output on DQ0–DQ7.
The 28F002B does not include these DQ8–DQ15 pins.
CE#
INPUT
CHIP ENABLE: Activates the device’s control logic, input buffers, decoders and
sense amplifiers. CE# is active low. CE# high de-selects the memory device and
reduces power consumption to standby levels. If CE# and RP# are high, but not
at a CMOS high level, the standby current will increase due to current flow
through the CE# and RP# input stages.
OE#
INPUT
OUTPUT ENABLE: Enables the device’s outputs through the data buffers during
a read cycle. OE# is active low.
WE#
INPUT
WRITE ENABLE: Controls writes to the Command Register and array blocks.
WE# is active low. Addresses and data are latched on the rising edge of the WE#
pulse.
RP#
INPUT
RESET/DEEP POWER-DOWN: Uses three voltage levels (VIL, VIH, and VHH) to
control two different functions: reset/deep power-down mode and boot block
unlocking. It is backwards-compatible with the BX/BL/BV products.
When RP# is at logic low, the device is in reset/deep power-down mode,
which puts the outputs at High-Z, resets the Write State Machine, and draws
minimum current.
When RP# is at logic high, the device is in standard operation. When RP#
transitions from logic-low to logic-high, the device defaults to the read array mode.
When RP# is at VHH, the boot block is unlocked and can be programmed or
erased. This overrides any control from the WP# input.


Similar Part No. - TB28F400CV-T60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TB28F400B5B80 INTEL-TB28F400B5B80 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
TB28F400B5B80 INTEL-TB28F400B5B80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
TB28F400B5T80 INTEL-TB28F400B5T80 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
TB28F400B5T80 INTEL-TB28F400B5T80 Datasheet
344Kb / 44P
   5 VOLT BOOT BLOCK FLASH MEMORY
TB28F400BVB80 INTEL-TB28F400BVB80 Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - TB28F400CV-T60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Sharp Corporation
LH28F002SCH SHARP-LH28F002SCH Datasheet
3Mb / 43P
   2-MBIT(256KBx8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
IS28F004BLV ISSI-IS28F004BLV Datasheet
1Mb / 39P
   524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
Intel Corporation
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com