Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS410-D2 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # BTS410-D2
Description  Smart Highside Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS410-D2 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button BTS410-D2 Datasheet HTML 5Page - Siemens Semiconductor Group BTS410-D2 Datasheet HTML 6Page - Siemens Semiconductor Group BTS410-D2 Datasheet HTML 7Page - Siemens Semiconductor Group BTS410-D2 Datasheet HTML 8Page - Siemens Semiconductor Group BTS410-D2 Datasheet HTML 9Page - Siemens Semiconductor Group BTS410-D2 Datasheet HTML 10Page - Siemens Semiconductor Group BTS410-D2 Datasheet HTML 11Page - Siemens Semiconductor Group BTS410-D2 Datasheet HTML 12Page - Siemens Semiconductor Group BTS410-D2 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BTS 410 D2
Semiconductor Group
9
Options Overview
all versions: High-side switch, Input protection, ESD protection, load dump and
reverse battery protection with 150
Ω in GND connection, protection against loss of
ground
Type
BTS 412 B2 410D2 410E2 410F2 410G2 410H2
307
308
Logic version
B
D
EF
G
H
Overtemperature protection with hysteresis
Tj >150 °C, latch function17)18)
Tj >150 °C, with auto-restart on cooling
X
X
X
X
X
X
X
X
Short circuit to GND protection
switches off when
VON>3.5 V typ. and Vbb> 7 V
typ17) (when first turned on after approx. 150
µs)
XX
switches off when
VON>8.5 V typ.17)
(when first turned on after approx. 150
µs)
Achieved through overtemperature protection
X
X
XX
X
X
Open load detection
in OFF-state with sensing current 30
µA typ.
in ON-state with sensing voltage drop across
power transistor
X
X
XXX
XXX
Undervoltage shutdown with auto restart
X
X
XXX
XXX
Overvoltage shutdown with auto restart19)
X
X
XXX
X
-
X
Status feedback for
overtemperature
short circuit to GND
short to Vbb
open load
undervoltage
overvoltage
X
X
X
X
X
X
X
X
-20)
X
X
X
X
X
-20)
X
-
-
X
X
-20)
X
-
-
X
-
-20)
X
-
-
X
X
X
X
-
-
X
X
X
X
X
-
X
X
X
X
-
-
Status output type
CMOS
Open drain
X
X
XXX
XXX
Output negative voltage transient limit
(fast inductive load switch off)
to
Vbb - VON(CL)
X
X
XXX
XXX
Load current limit
high level (can handle loads with high inrush currents)
low level (better protection of application)
X
X
X
XX
XXX
Protection against loss of GND
X
X
XXX
XXX
17
) Latch except when Vbb -VOUT < VON(SC) after shutdown. In most cases VOUT = 0 V after shutdown (V
OUT
0 V only if forced externally). So the device remains latched unless
Vbb < VON(SC) (see page 4). No latch
between turn on and td(SC).
18) With latch function. Reseted by a) Input low, b) Undervoltage
19
) No auto restart after overvoltage in case of short circuit
20
) Low resistance short V
bb to output may be detected in ON-state by the no-load-detection


Similar Part No. - BTS410-D2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410E SIEMENS-BTS410E Datasheet
403Kb / 12P
   High-side switch
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS410E2 INFINEON-BTS410E2 Datasheet
324Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS410-D2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com