Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25020A Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25020A
Description  SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25020A Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25020A Datasheet HTML 4Page - ATMEL Corporation AT25020A Datasheet HTML 5Page - ATMEL Corporation AT25020A Datasheet HTML 6Page - ATMEL Corporation AT25020A Datasheet HTML 7Page - ATMEL Corporation AT25020A Datasheet HTML 8Page - ATMEL Corporation AT25020A Datasheet HTML 9Page - ATMEL Corporation AT25020A Datasheet HTML 10Page - ATMEL Corporation AT25020A Datasheet HTML 11Page - ATMEL Corporation AT25020A Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
AT25010A/020A/040A
5087B–SEEPR–1/05
the data within any selected segment will therefore be read only. The block write protec-
tion levels and corresponding status register control bits are shown in Table 8.
Bits BP0 and BP1 are nonvolatile cells that have the same properties and functions as
the regular memory cells (e.g., WREN, tWC, RDSR).
READ SEQUENCE (READ): Reading the AT25010A/020A/040A via the serial output
(SO) pin requires the following sequence. After the CS line is pulled low to select a
device, the read op-code (including A8) is transmitted via the SI line followed by the byte
address to be read (A7–A0). Upon completion, any data on the SI line will be ignored.
The data (D7
−D0) at the specified address is then shifted out onto the SO line. If only
one byte is to be read, the CS line should be driven high after the data comes out. The
read sequence can be continued since the byte address is automatically incremented
and data will continue to be shifted out. When the highest address is reached, the
address counter will roll over to the lowest address, allowing the entire memory to be
read in one continuous read cycle.
WRITE SEQUENCE (WRITE): In order to program the AT25010A/020A/040A, the Write
Protect (WP) pin must be held high and two separate instructions must be executed.
First, the device
must be write enabled via the WREN instruction. Then a write (WRITE)
instruction may be executed. Also, the address of the memory location(s) to be pro-
grammed must be outside the protected address field location selected by the block
write protection level. During an internal write cycle, all commands will be ignored
except the RDSR instruction.
A write instruction requires the following sequence. After the CS line is pulled low to
select the device, the WRITE op-code (including A8) is transmitted via the SI line fol-
lowed by the byte address (A7
−A0) and the data (D7–D0) to be programmed.
Programming will start after the CS pin is brought high. The low-to-high transition of the
CS pin must occur during the SCK low-time immediately after clocking in the D0 (LSB)
data bit.
The READY/BUSY status of the device can be determined by initiating a read status
register (RDSR) instruction. If Bit 0 = “1”, the write cycle is still in progress. If Bit 0 = “0”,
the write cycle has ended. Only the RDSR instruction is enabled during the write pro-
gramming cycle.
The AT25010A/020A/040A is capable of an 8-byte page write operation. After each byte
of data is received, the three low-order address bits are internally incremented by one;
the six high-order bits of the address will remain constant. If more than eight bytes of
data are transmitted, the address counter will roll over and the previously written data
will be overwritten. The AT25010A/020A/040A is automatically returned to the write dis-
able state at the completion of a write cycle.
NOTE: If the WP pin is brought low or if the device is not write enabled (WREN), the
device will ignore the Write instruction and will return to the standby state when CS is
brought high. A new CS falling edge is required to reinitiate the serial communication.
Table 8. Block Write Protect Bits
Level
Status Register Bits
Array Addresses Protected
BP1
BP0
AT25010A
AT25020A
AT25040A
0
0
0
None
None
None
1 (1/4)
0
1
60-7F
C0-FF
180-1FF
2 (1/2)
1
0
40-7F
80-FF
100-1FF
3 (All)
1
1
00-7F
00-FF
000-1FF


Similar Part No. - AT25020A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A Datasheet
559Kb / 22P
   SPI Serial EEPROM
AT25020A ATMEL-AT25020A Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
AT25020A ATMEL-AT25020A Datasheet
507Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25020A-10PU-1.8 ATMEL-AT25020A-10PU-1.8 Datasheet
559Kb / 22P
   SPI Serial EEPROM
AT25020A-10PU-2.7 ATMEL-AT25020A-10PU-2.7 Datasheet
559Kb / 22P
   SPI Serial EEPROM
More results

Similar Description - AT25020A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25256A ATMEL-AT25256A Datasheet
390Kb / 18P
   SPI Serial Extended Temperature EEPROMs
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
logo
Shenzhen Huazhimei Semi...
HM93C46 HMSEMI-HM93C46 Datasheet
556Kb / 17P
   3-wire Serial EEPROMs 1K/2K/4K HM93C46/56/66
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com