Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA4801KI-TU Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APA4801KI-TU
Description  Stereo 280mW 8 OHM Speaker Driver with Mute
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4801KI-TU Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APA4801KI-TU Datasheet HTML 5Page - Anpec Electronics Coropration APA4801KI-TU Datasheet HTML 6Page - Anpec Electronics Coropration APA4801KI-TU Datasheet HTML 7Page - Anpec Electronics Coropration APA4801KI-TU Datasheet HTML 8Page - Anpec Electronics Coropration APA4801KI-TU Datasheet HTML 9Page - Anpec Electronics Coropration APA4801KI-TU Datasheet HTML 10Page - Anpec Electronics Coropration APA4801KI-TU Datasheet HTML 11Page - Anpec Electronics Coropration APA4801KI-TU Datasheet HTML 12Page - Anpec Electronics Coropration APA4801KI-TU Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Apr., 2001
APA4801
www.anpec.com.tw
9
Power Supply Rejection Ratio
Frequency (Hz)
10
100k
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
+0
R
L=8Ω
A
V= -1
V
Ripple= 200mVrms
V
DD=5V
C
B=1µF
C
B=2.2µF
C
B=4.7µF
Frequency Response vs Output Capacitor Size
C
I=10µF
V
DD=5V
R
L=8Ω
C
O=1000µF
C
O=470µF
C
O=220µF
C
O=100µF
Frequency (Hz)
-20
+5
-15
-10
-5
+0
20
100k
100
1k
10k
-20
+5
-15
-10
-5
+0
20
100k
100
1k
10k
Frequency (Hz)
Typical Application vs Frequency Response
V
DD=5V
R
L=8Ω
C
O=470µF
C
I=0.1µF
C
O=470µF
C
I=1.0µF
Typical Characteristics Cont.


Similar Part No. - APA4801KI-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4800 ANPEC-APA4800 Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800JI-TR ANPEC-APA4800JI-TR Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800JI-TU ANPEC-APA4800JI-TU Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800KI-TR ANPEC-APA4800KI-TR Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800KI-TU ANPEC-APA4800KI-TU Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
More results

Similar Description - APA4801KI-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4880 ANPEC-APA4880 Datasheet
154Kb / 16P
   STEREO 330 MW 8 OHM SPEAK DRIVER WITH MUTE
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
   Stereo Headphone Driver with Mute
logo
Anpec Electronics Corop...
APA3541 ANPEC-APA3541 Datasheet
110Kb / 13P
   Class AB Stereo Headphone Driver with Mute
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
   Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
   Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
   Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
logo
Unisonic Technologies
3541 UTC-3541_09 Datasheet
168Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_15 Datasheet
231Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com