Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1121 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1121
Description  Dual 1A Low Dropout Positive Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1121 Datasheet(HTML) 2 Page - Anachip Corp

  AP1121 Datasheet HTML 1Page - Anachip Corp AP1121 Datasheet HTML 2Page - Anachip Corp AP1121 Datasheet HTML 3Page - Anachip Corp AP1121 Datasheet HTML 4Page - Anachip Corp AP1121 Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AP1121
Dual 1A Low Dropout Positive Regulator
Anachip Corp.
www.anachip.com.tw
Rev. 0.0 Mar. 4, 2004
2/5
Typical Circuit
5V
3.3V/1A
C2
100uF
V
IN
V
OUT1
GND
V
IN
C1
100uF
C3
100uF
2.5V/1A
V
OUT2
GND
GND
GND
(3.3V/2.5V Dual output )
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
DC Supply Voltage
-0.3 to 18 V
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC
Block Diagram
2
Thermal
Shutdown
1
V
OUT1
1.25V
+
+
CURRENT
LIMIT
V
IN
+
+
5/6
GND
3
Thermal
Shutdown
4
V
OUT2
1.25V
+
+
CURRENT
LIMIT
V
IN
+
+
7/8
GND


Similar Part No. - AP1121

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1121 DIODES-AP1121 Datasheet
245Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
AP1121 DIODES-AP1121 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
AP1121AS DIODES-AP1121AS Datasheet
245Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
AP1121ASG-13 DIODES-AP1121ASG-13 Datasheet
245Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
AP1121ASG-U DIODES-AP1121ASG-U Datasheet
245Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
More results

Similar Description - AP1121

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1121 DIODES-AP1121 Datasheet
245Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
logo
GTM CORPORATION
GSS1120 GTM-GSS1120 Datasheet
273Kb / 3P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
logo
Anachip Corp
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
   Dual 1A Low Dropout Positive Regulator
logo
Diodes Incorporated
AP1120 DIODES-AP1120_09 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1121 DIODES-AP1121_09 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
AP1120 DIODES-AP1120_15 Datasheet
322Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
logo
Taiwan Semiconductor Co...
TS1537 TSC-TS1537 Datasheet
143Kb / 5P
   Dual 1A Low Dropout Positive Voltage Regulator
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com